Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 63 Page - Omron Electronics LLC

Part # E39-R1
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 63 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 56Page - Omron Electronics LLC E39-R1 Datasheet HTML 57Page - Omron Electronics LLC E39-R1 Datasheet HTML 58Page - Omron Electronics LLC E39-R1 Datasheet HTML 59Page - Omron Electronics LLC E39-R1 Datasheet HTML 60Page - Omron Electronics LLC E39-R1 Datasheet HTML 61Page - Omron Electronics LLC E39-R1 Datasheet HTML 62Page - Omron Electronics LLC E39-R1 Datasheet HTML 63Page - Omron Electronics LLC E39-R1 Datasheet HTML 64Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
E3X
E3X
20
Attachment Units
Applications
E39-F10 Fiber Connector
Use the following procedure (refer to the figure) to connect fibers via
the Fiber Connector.
Splice
Retention Unit
Retention Unit
Each fiber should be as close as possible before they are con-
nected.
Sensing distance will be reduced by approximately 25% when fibers
are connected.
Only fibers with 2.2 mm dia. can be connected.
Protective Spiral Tube
Insert a fiber to the Protective Spiral Tube from the head connector
side (screwed) of the tube.
Protective spiral
tube
Fiber Unit
Push the fiber into the Protective Spiral Tube. The tube should be
straight so that the fiber is not twisted when inserted. Then turn the
end cap of the spiral tube.
Fiber Unit
Protective spiral
tube
Secure the Protective Spiral Tube on a suitable place with the at-
tached nut.
Mounting panel
Hexagon clamping nut
Fiber Unit
Toothed washer
Protective spiral
tube
Use the attached saddle to secure the end cap of the Protective Spi-
ral Tube. To secure the Protective Spiral Tube at a position other
than the end cap, apply tape to the tube so that the portion becomes
thicker in diameter.
Saddle
Tube
End cap
E39-F3A Reflective Unit Lens
When the E39-F3A is attached to the fiber, the E3X can sense the
light reflected from the interior of the E39-F3A. If this happens, ad-
just the sensitivity of the E3X Amplifier with Sensitivity Adjustor.
Place a sensing object or white paper at the sensing distance set
and adjust the insertion length of the Fiber Unit to the E39-F3A so
that the light spot is as small as possible. Then fix the position of the
Fiber Unit with the hexagonal wrench (attachment)
Tighten
Loosen
Lens
Insertion
Fiber Unit (E32-D32)
A: The focus is farther than the E39-F3A.
B: The focus is closer than the E39-F3A
A
B
E39-G3 Sensitivity Adjustor
1. Remove the cover of the E3X.
2. Attach the E39-G3 (refer to the figure).
Knob
Cover
3. After the cover is attached to the case, turn the knob of the
E39-F3A clockwise or counterclockwise once. To confirm
that the knob has been set properly, turn the knob clockwise
or counterclockwise until you hear a click (8 turns max. are
necessary).
Note:
E3X looses watertightness if E39-G3 is attached (the en-
closure rating will be IP50).
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com