Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # E39-R1
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 26Page - Omron Electronics LLC E39-R1 Datasheet HTML 27Page - Omron Electronics LLC E39-R1 Datasheet HTML 28Page - Omron Electronics LLC E39-R1 Datasheet HTML 29Page - Omron Electronics LLC E39-R1 Datasheet HTML 30Page - Omron Electronics LLC E39-R1 Datasheet HTML 31Page - Omron Electronics LLC E39-R1 Datasheet HTML 32Page - Omron Electronics LLC E39-R1 Datasheet HTML 33Page - Omron Electronics LLC E39-R1 Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
E3X
E3X
30
Number of Turns of Sensitivity
Adjuster and Sensing Distance (Typical)
E3X-H/E32-D11L
Color Sensing (Typical)
Green Light Source E3X-VG
j /E32-D11L
Sensitivity adjuster
Color paper
(2.5 x 2.5 cm)
Munsell chroma (MC)
Number of turns
E3X-A
j
E3X-F
j
10
°
5 mm
White CM484
Yellow CM124
Amber CM 78
Yellow green CM157
Orange CM 85
Aqua CM263
Red CM 6
Purple CM379
Magenta CM431
Blue CM336
Green CM241
Black CM489
Sensing Object: White Paper of 5 x 5 cm
The following graph shows the relationship between colors and the
number of turns of the sensitivity adjustor when the E32-D11L is in
operation with the sensing distance adjusted to 5 mm.
E3X-A, -F/E32-D11L
Sensing Object: White Paper of 10 x 10 cm
with E3X-A and 5 x 5 cm with E3X-F
Sensitivity adjuster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com