Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E39-R1
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 11Page - Omron Electronics LLC E39-R1 Datasheet HTML 12Page - Omron Electronics LLC E39-R1 Datasheet HTML 13Page - Omron Electronics LLC E39-R1 Datasheet HTML 14Page - Omron Electronics LLC E39-R1 Datasheet HTML 15Page - Omron Electronics LLC E39-R1 Datasheet HTML 16Page - Omron Electronics LLC E39-R1 Datasheet HTML 17Page - Omron Electronics LLC E39-R1 Datasheet HTML 18Page - Omron Electronics LLC E39-R1 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
E3X
E3X
15
Name
Lens-equipped Reflective Unit
Applications
Converting through-beam sensors to reflective sensors
Model
E39-F3
Appearance
Reflective
Applicable fibers
E32-T11L
E32-TC200
E32-T61
With
Sensing distance
White paper
55 to 150* mm (20 x 20 cm)
85 to 100 mm (20 x 20* cm)
E3X-T
jj
(standard object)
Black paper
---
15 to 17*mm (20 x 20 cm)
16 to 18*mm (20 x
20 cm)
With
Sensing distance
White paper
10 to 300 mm (20 x 20 cm)
35 to 180 mm (20 x 20 cm)
E3X-H11
(standard object)
Black paper
---
5 to 120 mm (20 x 20 cm)
5 to 80 mm (20 x
20 cm)
With
Sensing distance
White paper
10 to 150 mm (20 x 20 cm)
35 to 90 mm (10 x 10 cm)
E3X-A
jj
(standard object)
Black paper
---
5 to 60 mm (10 x 10 cm)
5 to 40 mm (10 x
10 cm)
With
Sensing distance
White paper
10 to 65 mm (10 x 10 cm)
20 to 40 mm (5 x 5 cm)
20 to 35 mm (5 x 5 cm)
E3X-F
jj
(standard object)
Black paper
---
10 to 20 mm (5 x 5 cm)
---
With
Sensing distance
White paper
---
10 to 15 mm (2.5 x 2.5 cm)
---
E3X-VG
jj (standard object)
Black paper
---
Directivity
---
Differential travel
20% of sensing distance
Ambient temperature
Operating: –40
°C to 200°C (Do not exceed the operating temperature of the fiber.)
Material
Shaft
Brass
Lens
Optical glass
Base
Aluminum
Reflector
---
*These values are possible when the angle of the E39-F3 is smallest (parallel).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com