Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 55 Page - Omron Electronics LLC

Part # E39-R1
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 55 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 51Page - Omron Electronics LLC E39-R1 Datasheet HTML 52Page - Omron Electronics LLC E39-R1 Datasheet HTML 53Page - Omron Electronics LLC E39-R1 Datasheet HTML 54Page - Omron Electronics LLC E39-R1 Datasheet HTML 55Page - Omron Electronics LLC E39-R1 Datasheet HTML 56Page - Omron Electronics LLC E39-R1 Datasheet HTML 57Page - Omron Electronics LLC E39-R1 Datasheet HTML 58Page - Omron Electronics LLC E39-R1 Datasheet HTML 59Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
E3X
E3X
12
Amplifier
E3X-T11
E3X-T21
Cord:
2-m
polyvinyl
chloride-covered
cord
(4-mm dia., 3 cores*)
Weight: Approx. 100 g
*The cords for the E3X-T21 model has 6 cores.
Light reception indicator
Stable operation
indicator
Tuning indicator
Mounting bracket (removable)
12
6.5
Two, 2.4
8.4
1.2
25
4.2
4
11
12.5
3.9
6
3.2 dia.
22.5
13
16
2
9
0.4
6
3.4
17.8
59
32
8
16
35.5
22.5
E3X-H11
E3X-A
jj
E3X-F
jj
E3X-VG
jj
Cord:
2-m
polyvinyl
chloride-covered
cord
(4-mm dia., 5 cores*)
Weight: Approx. 100 g
*The cords for the E3X-A11, E3X-A41, and
E3X-VG11 models have 3 cores.
Light reception indicator
Stable operation indicator
9
Two, 2.4 dia.
8.4
6
25
4
3.9
Mounting bracket (removable)
3.2 dia.
16
13
16
2
3.4
6
15.8
59
30
8
22.5
35.5
12.5
22.5
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com