Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # E39-R1
Description  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button E39-R1 Datasheet HTML 28Page - Omron Electronics LLC E39-R1 Datasheet HTML 29Page - Omron Electronics LLC E39-R1 Datasheet HTML 30Page - Omron Electronics LLC E39-R1 Datasheet HTML 31Page - Omron Electronics LLC E39-R1 Datasheet HTML 32Page - Omron Electronics LLC E39-R1 Datasheet HTML 33Page - Omron Electronics LLC E39-R1 Datasheet HTML 34Page - Omron Electronics LLC E39-R1 Datasheet HTML 35Page - Omron Electronics LLC E39-R1 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
E3X
E3X
32
Operation
Output Circuits
Type
Model
Mode
switch
Output
transistor
Output circuit
NPN
E3X-T21
Light ON
ON when light
is received.
Load
Load
Light
(red)
Stability
(green)
Main
circuit
Tuning (red/
green)
Brown
Black
Orange Control output
Self-diagnostis
tt
ZD
ZD
Dark ON
ON when light
is not received.
Blue
Pink
Purple
Self diagnostis
output
Remote bank
selection input
Remote tuning
input
ZD
D
ZD : VZ = 39 V
E3X-T11
E3x-H11
E3X-A11
E3X-VG11
Light ON
ON when light
is received.
Light
(red)
Stability
(green)
Main
circuit
Brown
Black
Load
100 mA max.
Dark ON
ON when light
is not received.
Blue
ZD : VZ = 39 V
ZD
E3X-A21
E3X-VG21
E3X-F21
Light ON
ON when light
is received.
ZD
Brown
Control
output
Orange
Load
(Relay)
Load
(Relay)
Self-diagno-
sis output
Light
(red)
Stability
(green)
Black
Main
circuit
Dark ON
ON when light
is not received.
ZD
10 K
Orange
g
sis output
Pink
Blue
External-
check input
ZD : VZ = 39 V
PNP
E3X-A41
Light ON
ON when light
is received.
ZD
Light
(red)
Stability
(green)
Brown
Black
Main
Dark ON
ON when light
is not received.
100 mA max.
ZD : VZ = 39 V
Load
Blue
Main
circuit
E3X-A51
E3X-F51
Light ON
ON when light
is received.
10 K
ZD
Light
(red)
Stability
(green)
Brown
Orange
Pink
External-check
input
Self-diagno-
sis output
Control
Dark ON
ON when light
is not received.
ZD
Black
Blue
Load
(Relay)
Load
(Relay)
Control
output
ZD : VZ = 39 V
Main
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com