Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9570DP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9570DP
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570DP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9570DP Datasheet HTML 12Page - NXP Semiconductors PCA9570DP Datasheet HTML 13Page - NXP Semiconductors PCA9570DP Datasheet HTML 14Page - NXP Semiconductors PCA9570DP Datasheet HTML 15Page - NXP Semiconductors PCA9570DP Datasheet HTML 16Page - NXP Semiconductors PCA9570DP Datasheet HTML 17Page - NXP Semiconductors PCA9570DP Datasheet HTML 18Page - NXP Semiconductors PCA9570DP Datasheet HTML 19Page - NXP Semiconductors PCA9570DP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
16 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
13. Dynamic characteristics
[1]
Fm+ mode on a non-standard, lightly loaded bus (<100 pF).
[2]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[3]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[4]
Input filters on the SDA and SCL inputs suppress noise spikes less than 50 ns.
Table 7.
Dynamic characteristics
VDD = 1.1 V to 3.6 V; VSS =0V; Tamb = 40 Cto+85 C; unless otherwise specified.
Symbol Parameter
Conditions
Standard mode
I2C-bus
Fast mode
I2C-bus
1MHz
I2C-bus[1]
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
0
1000 kHz
tBUF
bus free time between a
STOP and
START condition
4.7
-
1.3
-
0.5
-
s
tHD;STA
hold time (repeated)
START condition
4.0
-
0.6
-
0.26
-
s
tSU;STA
set-up time for a repeated
START condition
4.7
-
0.6
-
0.26
-
s
tSU;STO
set-up time for
STOP condition
4.0
-
0.6
-
0.26
-
s
tHD;DAT
data hold time
0
-
0
-
0
-
ns
tVD;ACK
data valid acknowledge
time
[2]
-
3.45
-
0.9
-
0.45
s
tVD;DAT
data valid time
[3]
-
3.45
-
0.9
-
0.45
s
tSU;DAT
data set-up time
250
-
100
-
50
-
ns
tLOW
LOW period of the
SCL clock
4.7
-
1.3
-
0.5
-
s
tHIGH
HIGH period of the
SCL clock
4.0
-
0.6
-
0.26
-
s
tf
fall time of both SDA and
SCL signals
-300
20
(VDD /5.5 V)
300
20
(VDD /5.5 V)
120
ns
tr
rise time of both SDA and
SCL signals
-
1000
20
300
-
120
ns
tSP
pulse width of spikes that
must be suppressed by
the input filter
[4]
-50
-
50
-
50
ns
Port timing
tv(Q)
data output valid time
-
200
-
200
-
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com