Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9570DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9570DP
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570DP Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9570DP Datasheet HTML 1Page - NXP Semiconductors PCA9570DP Datasheet HTML 2Page - NXP Semiconductors PCA9570DP Datasheet HTML 3Page - NXP Semiconductors PCA9570DP Datasheet HTML 4Page - NXP Semiconductors PCA9570DP Datasheet HTML 5Page - NXP Semiconductors PCA9570DP Datasheet HTML 6Page - NXP Semiconductors PCA9570DP Datasheet HTML 7Page - NXP Semiconductors PCA9570DP Datasheet HTML 8Page - NXP Semiconductors PCA9570DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
2 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
4.
Ordering information
[1]
In development. Contact your NXP sales office for availability.
[2]
‘X’ changes based on date code.
4.1 Ordering options
[1]
In development. Contact your NXP sales office for availability.
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
PCA9570DP[1]
P9570
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCA9570GM4[1] 70
XQFN8
plastic, extremely thin quad flat package; no leads;
8 terminals; body 1.20
 1.40  0.50 mm
SOT1309-1
PCA9570GM
P7X[2]
XQFN8
plastic, extremely thin quad flat package; no leads;
8 terminals; body 1.6
 1.6  0.5 mm
SOT902-2
Table 2.
Ordering options
Type number
Orderable part
number
Package
Packing method
Minimum
order
quantity
Temperature
PCA9570DP[1]
PCA9570DPJ
TSSOP8
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 40 C to +85 C
PCA9570GM4[1] PCA9570GM4H
XQFN8
Reel 7” Q3/T4
*Standard mark
4000
Tamb = 40 C to +85 C
PCA9570GM
PCA9570GMH
XQFN8
Reel 7” Q3/T4
*Standard mark
4000
Tamb = 40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com