Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9570DP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9570DP
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570DP Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9570DP Datasheet HTML 1Page - NXP Semiconductors PCA9570DP Datasheet HTML 2Page - NXP Semiconductors PCA9570DP Datasheet HTML 3Page - NXP Semiconductors PCA9570DP Datasheet HTML 4Page - NXP Semiconductors PCA9570DP Datasheet HTML 5Page - NXP Semiconductors PCA9570DP Datasheet HTML 6Page - NXP Semiconductors PCA9570DP Datasheet HTML 7Page - NXP Semiconductors PCA9570DP Datasheet HTML 8Page - NXP Semiconductors PCA9570DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
4 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 3.
Pin configuration for TSSOP8
Fig 4.
Pin configuration for XQFN8
Fig 5.
Pin configuration for XQFN8
PCA9570DP
P0
VDD
P1
SDA
P2
SCL
VSS
P3
002aag827
1
2
3
4
6
5
8
7
8
7
6
SDA
SCL
P3
P0
P1
P2
2
3
4
002aag673
Transparent top view
PCA9570GM4
terminal 1
index area
002aag941
PCA9570GM
Transparent top view
terminal 1
index area
2
3
1
P1
P2
P0
6
5
7
SCL
P3
SDA
Table 3.
Pin description
Symbol
Pin
Description
XQFN8 (GM4)
TSSOP8,
XQFN8 (GM)
VDD
1
8
supply voltage
P0
2
1
input/output 0
P1
3
2
input/output 1
P2
4
3
input/output 2
VSS
5
4
supply ground
P3
6
5
input/output 3
SCL
7
6
serial clock line
SDA
8
7
serial data line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com