Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9570DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9570DP
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570DP Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9570DP Datasheet HTML 1Page - NXP Semiconductors PCA9570DP Datasheet HTML 2Page - NXP Semiconductors PCA9570DP Datasheet HTML 3Page - NXP Semiconductors PCA9570DP Datasheet HTML 4Page - NXP Semiconductors PCA9570DP Datasheet HTML 5Page - NXP Semiconductors PCA9570DP Datasheet HTML 6Page - NXP Semiconductors PCA9570DP Datasheet HTML 7Page - NXP Semiconductors PCA9570DP Datasheet HTML 8Page - NXP Semiconductors PCA9570DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1.
General description
The PCA9570 is a CMOS device that provides 4 bits of General Purpose parallel Output
(GPO) expansion in low voltage processor and handheld battery powered mobile
applications. It operates at 1 MHz I2C-bus speeds while maintaining backward
compatibility to Fast-mode (400 kHz) and Standard-mode (100 kHz).
The PCA9570 is a streamlined GPO that consists of 4-bit push-pull outputs that offer low
current consumption, small packaging options and a low operating voltage range of 1.1 V
to 3.6 V. The latched outputs are symmetrical 4 mA current drive capability at 3.3 V to
drive various control logic. The PCA9570 output expander provides a simple solution
when additional outputs are needed while keeping interconnections and floor space to a
minimum, for example, in battery powered mobile applications where PCBs are crowded
for interfacing to sensors, push buttons, etc.
The PCA9570 contains an internal Power-On Reset (POR) and a Software Reset feature
that initializes the device to its default state.
2.
Features and benefits
 1MHz I2C-bus interface with 6 mA SDA sink capability for lightly loaded buses
(<100 pF) and improved power consumption
 Compliant with the I2C-bus Fast and Standard modes
 1.1 V to 3.6 V operation
 Latched outputs with a sink/source capability of 4 mA at 3.3 V
 Readable device ID (manufacturer, device type, and revision)
 Software Reset
 Power-On Reset
 Low standby current
40 C to +85 C operation
 ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
 Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA
 Packages offered: TSSOP8, XQFN8 (0.4 mm lead pitch), XQFN8 (0.5 mm lead pitch)
3.
Applications
 Smart phones and tablets
 Portable medical equipment
 Portable instrumentation and test measurement
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
Rev. 4 — 17 September 2014
Product data sheet


Similar Part No. - PCA9570DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9574 NXP-PCA9574 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9574 NXP-PCA9574 Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574BS NXP-PCA9574BS Datasheet
180Kb / 32P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9574BS NXP-PCA9574BS Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
More results

Similar Description - PCA9570DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574A TI-PCF8574A_10 Datasheet
683Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
PCF8574PN PHILIPS-PCF8574PN Datasheet
132Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
logo
Pericom Semiconductor C...
PI4IOE5V9570 PERICOM-PI4IOE5V9570 Datasheet
410Kb / 11P
4-bit general purpose outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com