Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9570DP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9570DP
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570DP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9570DP Datasheet HTML 7Page - NXP Semiconductors PCA9570DP Datasheet HTML 8Page - NXP Semiconductors PCA9570DP Datasheet HTML 9Page - NXP Semiconductors PCA9570DP Datasheet HTML 10Page - NXP Semiconductors PCA9570DP Datasheet HTML 11Page - NXP Semiconductors PCA9570DP Datasheet HTML 12Page - NXP Semiconductors PCA9570DP Datasheet HTML 13Page - NXP Semiconductors PCA9570DP Datasheet HTML 14Page - NXP Semiconductors PCA9570DP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
11 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
10. Limiting values
[1]
If the input and output current ratings are observed, the input negative-voltage and output voltage ratings may be exceeded
11. Thermal characteristics
[1]
The package thermal impedance is calculated in accordance with JESD 51-7.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+4
V
VI
input voltage
SCL; SDA
[1]
0.5
+4
V
IIK
input clamping current
SCL; VI <0V
-
18
mA
IOK
output clamping current
P port; VO <0V or VO >VDD
-
18
mA
SDA; VO <0V or VO >VDD
-
18
mA
IO
output current
continuous; P port
-
25
mA
IOL
LOW-level output current
continuous; SDA; VO =0V to VDD
-25
mA
IDD
supply current
continuous through VSS
-100
mA
Tstg
storage temperature
65
+150
C
Tj
junction temperature
-
125
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Max
Unit
Zth(j-a)
transient thermal impedance
from junction to ambient
TSSOP8 (SOT505-1)
[1] 88
K/W
XQFN8 (SOT1039-1)
[1] 66
K/W
XQFN8 (SOT902-2)
[1] 62
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com