Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9570DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9570DP
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9570DP Datasheet HTML 5Page - NXP Semiconductors PCA9570DP Datasheet HTML 6Page - NXP Semiconductors PCA9570DP Datasheet HTML 7Page - NXP Semiconductors PCA9570DP Datasheet HTML 8Page - NXP Semiconductors PCA9570DP Datasheet HTML 9Page - NXP Semiconductors PCA9570DP Datasheet HTML 10Page - NXP Semiconductors PCA9570DP Datasheet HTML 11Page - NXP Semiconductors PCA9570DP Datasheet HTML 12Page - NXP Semiconductors PCA9570DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
9 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
8.3 Reading from a port (Input mode)
All ports are outputs and cannot be used as inputs. When reading the device, the data
returned is the port state at the pin. To read, the master (microcontroller) first addresses
the slave device by setting the last bit of the byte containing the slave address to logic 1.
The data byte that follows on the SDA is the value of the ports pins. There is no limit to the
number of bytes read, and the state of the output port pins is updated at each
acknowledge cycle. Logic 1 means that the port is HIGH. Logic 0 means that the port is
LOW. When the PCA9570 is read, P7 through P4 return logic ‘1’.
8.4 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the device in a
reset condition until VDD has reached VPOR. At that point, the reset condition is released
and the device registers and I2C-bus/SMBus state machine initialize to their default states.
See Section 14 for DC and AC characteristics of the POR function.
Fig 12. Write mode (output)
A5 A4 A3 A2 A1 A0
0
A
SA6
slave address
START condition
R/W
acknowledge
from slave
002aag833
P6 P5
P7
data 1
A
acknowledge
from slave
12345678
SCL
9
SDA
A
acknowledge
from slave
write to port
data output from port
tv(Q)
P2
data 2
DATA 2 VALID
P4 P3
1
P1 P0
P7
P4 P3
0
P1 P0
P6
P2
P5
tv(Q)
DATA 1 VALID
P2 output voltage
Fig 13. Read input port register
A5 A4 A3 A2 A1 A0
1
A
SA6
slave address
START condition
R/W
acknowledge
from slave
002aag846
data from port
A
acknowledge
from master
SDA
1
no acknowledge
from master
read from
port
data from port
DATA 1
DATA 4
P
STOP
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com