Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9570DP Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9570DP
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570DP Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9570DP Datasheet HTML 24Page - NXP Semiconductors PCA9570DP Datasheet HTML 25Page - NXP Semiconductors PCA9570DP Datasheet HTML 26Page - NXP Semiconductors PCA9570DP Datasheet HTML 27Page - NXP Semiconductors PCA9570DP Datasheet HTML 28Page - NXP Semiconductors PCA9570DP Datasheet HTML 29Page - NXP Semiconductors PCA9570DP Datasheet HTML 30Page - NXP Semiconductors PCA9570DP Datasheet HTML 31Page - NXP Semiconductors PCA9570DP Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
29 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
20. Abbreviations
21. Revision history
Table 11.
Abbreviations
Acronym
Description
CDM
Charged-Device Model
ESD
ElectroStatic Discharge
FM
Frequency Modulation
GPIO
General Purpose Input/Output
GPS
Global Positioning Satellite
HBM
Human Body Model
I2C-bus
Inter-Integrated Circuit bus
I/O
Input/Output
IC
Integrated Circuit
ID
Identification
LED
Light Emitting Diode
LSB
Least Significant Bit
MP3
MPEG audio layer 3
MSB
Most Significant Bit
SMBus
System Management Bus
Table 12.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9570 v.4
20140917
Product data sheet
-
PCA9570 v.3
Modifications:
• Table 1 “Ordering information”: Added table note [1].
• Table 2 “Ordering options”: Added table note [1].
• Table 4 “Limiting values”, IDD; changed max from “200” to “100”.
• Section 14 “Power-on reset requirements”: Deleted paragraphs 2 and 3; deleted Fig 22.
• Table 8 “Recommended supply sequencing and ramp rates”:
– td(rst): Deleted 2nd row
–
V
DD(gl): Changed VDD condition from “1.8 V” to “2.1 V”
PCA9570 v.3
20140515
Product data sheet
-
PCA9570 v.2
PCA9570 v.2
20140204
Product data sheet
-
PCA9570 v.1
PCA9570 v.1
20130910
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com