Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBT Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 32Page - Texas Instruments TAS3103ADBT Datasheet HTML 33Page - Texas Instruments TAS3103ADBT Datasheet HTML 34Page - Texas Instruments TAS3103ADBT Datasheet HTML 35Page - Texas Instruments TAS3103ADBT Datasheet HTML 36Page - Texas Instruments TAS3103ADBT Datasheet HTML 37Page - Texas Instruments TAS3103ADBT Datasheet HTML 38Page - Texas Instruments TAS3103ADBT Datasheet HTML 39Page - Texas Instruments TAS3103ADBT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 154 page
background image
2−3
2.1
Input and Output Serial Audio Ports (SAPs)
The TAS3103A accepts data in various serial data formats including left-/right-justified and I2S, 16 through 32 bits,
discrete, or time-division multiplex (TDM). Sample rates from 8 kHz through 96 kHz are supported. Each TAS3103A
has four input serial ports and three output serial ports, labeled SDIN[4:1] and SDOUT[3:1], respectively. All ports
accommodate stereo data formats, and SDIN1 and SDOUT1 also accommodate TDM data formats. The formats are
selectable via I2C commands. All input channels are assigned the same format and all output channels are assigned
the same format; the two formats need not be the same. The TAS3103A can accommodate system architectures that
require data format conversions without the need for additional glue logic. If a TDM format is selected for the input
port, only SDIN1 is active; the other three input channels cannot be used. If a TDM format is selected for the output
port, only SDOUT1 is active; the other two channels cannot be used.
2.1.1
SAP Configuration Options
The TAS3103A serial interface data format options for discrete (stereo) data are detailed in Figure 2−2.
Left-/Right-
Justified
LRCLK
SCLK
MSB−1
LSB
LSB
Left-Justified
LSB
LSB+1
LSB+1
Right-Justified
LSB
LSB+1
Bit 31
Bit 0
Bit 31
Bit 0
Bit 31
SCLK
LSB
Bit 0
Bit 31
Bit 31
MSB
Bit 0
SCLK
Bit 31
Bit 31
Bit 0
Bit 0
Bit 31
Bit 31
Bit 0
MSB
I2S
I2S
MSB−1
MSB
MSB−1
MSB
MSB−1
MSB
MSB−1
MSB
LSB+1
LSB
LSB+1
MSB−1
MSB
MSB−1
MSB
Figure 2−2. Discrete Serial Data Formats
When the TAS3103A is transmitting serial data, it uses the negative edge of SCLK to output a new data bit. The
TAS3103A samples incoming serial data on the rising edge of SCLK.
The TDM modes on the TAS3103A only provide left-justified and I2S formats, and each word in the TDM data stream
adheres to the bit placement shown in Figure 2−2. Figure 2−3 illustrates the output data stream for a 4-channel TDM
mode. Two cases are illustrated; an I2S data format case (SAP output mode 1010) and a left-justified data format case
(SAP output mode 0111).
Left-
Justified
MSB−1
LSB
LSB
LSB
LSB
MSB
LRCLK
Data
LRCLK
Data
MSB
MSB−1
MSB
MSB−1
MSB
MSB−1
MSB
LSB
LSB
LSB
LSB
MSB−1
MSB
I2S
Left CH1
Left CH2
Right CH1
Right CH2
Left CH1
Left CH2
Right CH1
Right CH2
MSB−1
MSB
MSB−1
MSB
MSB−1
MSB
Figure 2−3. Four-Channel TDM Serial Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com