Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBT Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 4Page - Texas Instruments TAS3103ADBT Datasheet HTML 5Page - Texas Instruments TAS3103ADBT Datasheet HTML 6Page - Texas Instruments TAS3103ADBT Datasheet HTML 7Page - Texas Instruments TAS3103ADBT Datasheet HTML 8Page - Texas Instruments TAS3103ADBT Datasheet HTML 9Page - Texas Instruments TAS3103ADBT Datasheet HTML 10Page - Texas Instruments TAS3103ADBT Datasheet HTML 11Page - Texas Instruments TAS3103ADBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 154 page
background image
1−1
1 Introduction
The TAS3103A is a fully configurable digital audio processor that preserves high-quality audio by using a 48-bit data
path, 28-bit filter coefficients, a single-cycle 28
× 48-bit multiplier and a 76-bit accumulator. Because of the
coefficient-configurable fixed-program architecture of the TAS3103A, a complete set of user-specific audio
processing functions can be realized, with short development times, in a small, low-power, low-cost device. A
personal computer (PC) GUI-based software development package and a comprehensive evaluation board provide
additional facilities to further reduce development times. The TAS3103A uses 1.8-V core logic with 3.3-V I/O buffers,
and requires only 3.3-V power. The TAS3103A is available in a 38-pin TSSOP package.
1.1
Features
•
Audio Input/Output
−
Four Serial Audio Input Channels
−
Three Serial Audio Output Channels
−
8-kHz to 96-kHz Sample Rates Supported
−
15 Stereo/TDM Data Formats Supported
−
Input/Output Data Format Selections Independent
−
16-, 18-, 20-, 24-, and 32-Bit Word Sizes Supported
•
Serial Master/Slave I2C Control Channel
•
Three Independent Monaural Processing Channels
−
Programmable Four-Stereo-Input Digital Mixer
−
3D Effect and Reverberation (Reverb) Structure and Filters
−
Programmable 12-Band Digital Parametric Equalization
−
Programmable Digital Bass and Treble Controls
−
Programmable Digital Soft Volume Control (24 dB to −
∞ dB)
−
Soft Mute/Unmute
−
Programmable Dither
−
Programmable Loudness Compensation
−
VU Meter and Spectral Analysis I2C Output
−
Programmable Channel Delay (Up to 42 ms at 48 kHz)
−
192-dB Dynamic Range (Supports Up to 32-Bit Audio Data)
−
Dual Threshold Dynamic Range Compression/Expansion
•
Electrical and Physical
−
Single 3.3-V Power Supply
−
38-Pin TSSOP Package
−
Low-Power Standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com