Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBT Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 8Page - Texas Instruments TAS3103ADBT Datasheet HTML 9Page - Texas Instruments TAS3103ADBT Datasheet HTML 10Page - Texas Instruments TAS3103ADBT Datasheet HTML 11Page - Texas Instruments TAS3103ADBT Datasheet HTML 12Page - Texas Instruments TAS3103ADBT Datasheet HTML 13Page - Texas Instruments TAS3103ADBT Datasheet HTML 14Page - Texas Instruments TAS3103ADBT Datasheet HTML 15Page - Texas Instruments TAS3103ADBT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 154 page
background image
1−5
1.5
Ordering Information
TA
PLASTIC
38-PIN TSSOP
(DBT)
0
°C to 70°C
TAS3103ADBT
1.6
Terminal Functions
TERMINAL
DESCRIPTION
PULLUP/
NAME
NO.
I/O
TYPE(1)
DESCRIPTION
PULLUP/
DOWN(2)
A_VDDS (3.3 V)
7
PWR
The PWR pin is used to input 3.3-V power to the DPLL and clock oscillator.
This pin can be connected to the same power source used to drive the DVSS
power pin. To achieve low DPLL jitter, this pin should be bypassed to AVSS
with a 0.47-
μF capacitor (low-ESR preferable).
None
AVDD_BYPASS_CAP
6
PWR
AVDD_BYPASS_CAP is a pinout of the internally regulated 1.8-VDC power
used by the DPLL and crystal oscillator. This pin should be connected to pin 8
with a 0.47-
μF capacitor (low-ESR preferable). This pin must not be used to
power external devices.
None
AVSS
8
PWR
AVSS is the ground reference for the internal DPLL and oscillator circuitry.
This pin needs to reference the same ground as DVSS power pin. To achieve
low DPLL jitter, ground noise at this pin must be minimized. The availability of
the AVSS pin allows a designer to use optimizing techniques such as star
ground connections, separate ground planes, or other quiet ground
distribution techniques to achieve a quiet ground reference at this pin.
None
CS0
24
I
D
CS0 is the LSB of a 2-bit code used to generate part of an I2C device address
that makes it possible to address four TAS3103A ICs on the same bus without
additional chip select logic. The pulldowns on the inputs select 00 as a default
when neither CS0 nor CS1 is connected.
Pulldown
CS1
25
I
D
CS1 is the MSB of a 2-bit code used to generate part of an I2C device address
that makes it possible to address four TAS3103A ICs on the same bus without
additional chip select logic.
Pulldown
DVDD_BYPASS_CAP
29
PWR
DVDD_BYPASS_CAP is a pinout of the internally regulated 1.8-V power used
by all internal digital logic. This pin must not be used to power external devices.
A ceramic capacitor of at least 4.7
μF should be placed as close to the device
as possible between this pin and pin 28. A 0.01
μF should be connected in
parallel for high-frequency decoupling.
None
DVSS
28
PWR
DVSS is the digital ground pin.
None
GPIO0
18
I/O
D
GPIO0 is a general-purpose I/O, controlled by the internal microprocessor
through I2C commands. When in the I2C master mode, GPIO0 serves as a
volume-up command for CH1/CH2.
Pullup
GPIO1
19
I/O
D
GPIO1 is a general-purpose I/O, controlled by the internal microprocessor
through I2C commands. When in the I2C master mode, GPIO1 serves as a
volume-down command for CH1/CH2.
Pullup
GPIO2
20
I/O
D
GPIO2 is a general-purpose I/O, controlled by the internal microprocessor
through I2C commands. When in the I2C master mode, GPIO2 serves as a
volume-up command for CH3.
Pullup
GPIO3
21
I/O
D
GPIO3 is a general-purpose I/O, controlled by the internal microprocessor
through I2C commands. When in the I2C master mode, GPIO3 serves as a
volume-down command for CH3.
Pullup
I2CM_S
27
I
D
I2CM_S is a non-latched input that determines whether the TAS3103A acts as
an I2C master or slave. Logic high, or no connection, sets the TAS3103A as an
I2C master device. A logic low sets the TAS3103A as an I2C slave device. As a
master I2C device, the TAS3103A I2C port must have access to an external
EEPROM for input.
Pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com