Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBT Datasheet(PDF) 97 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 97 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 93Page - Texas Instruments TAS3103ADBT Datasheet HTML 94Page - Texas Instruments TAS3103ADBT Datasheet HTML 95Page - Texas Instruments TAS3103ADBT Datasheet HTML 96Page - Texas Instruments TAS3103ADBT Datasheet HTML 97Page - Texas Instruments TAS3103ADBT Datasheet HTML 98Page - Texas Instruments TAS3103ADBT Datasheet HTML 99Page - Texas Instruments TAS3103ADBT Datasheet HTML 100Page - Texas Instruments TAS3103ADBT Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 154 page
background image
3−34
3.7.2
Compression/Expansion Coefficient Computation Engine Parameters
Seven programmable parameters are assigned to each DRC block: two threshold parameters, T1 and T2; two offset
parameters, O1 and O2; and three slope parameters, k0, k1, and k2. The threshold parameters establish the three
regions of the DRC transfer curve, the offsets anchor the transfer curve by establishing known gain settings at the
threshold levels, and the slope parameters define whether a given region is a compression or an expansion region.
The audio input stream into the DRC must pass through DRC-dedicated programmable input mixers. These mixers
are provided to scale the 32-bit input into the DRC to account for the positioning of the audio data in the 48-bit DAP
word and the net gain or attenuation in signal level between the SAP input and the DRC. The selection of threshold
values must take the gain (attenuation) of these mixers into account. The DRC implementation examples that follow
illustrate the effect these mixers have on establishing the threshold settings.
T2 establishes the boundary between the high-volume region and the mid-volume region. T1 establishes the
boundary between the mid-volume region and the low-volume region. Both thresholds are set in logarithmic space,
and which region is active for any given rms estimator output sample is determined by the logarithmic value of the
sample.
Threshold T2 serves as the fulcrum or pivot point in the DRC transfer function. O2 defines the boost (> 0 dB) or cut
(< 0 dB) implemented by the DRC-derived gain coefficient for an rms input level of T2. If O2 = 0 dB, the value of the
derived gain coefficient is 1 (0x0080 0000 in 5.23 format). k2 is the slope of the DRC transfer function for rms input
levels above T2, and k1 is the slope of the DRC transfer function for rms input levels below T2 (and above T1). The
labeling of T2 as the fulcrum stems from the fact that there cannot be a discontinuity in the transfer function at T2.
However, the user can set the DRC parameters to realize a discontinuity in the transfer function at the boundary
defined by T1. If no discontinuity is desired at T1, the value for the offset term O1 must obey the following equation.
O1
No Discontinuity +
|T1
* T2|
k1
) O2 For ( |T1| w |T2| )
T1 and T2 are the threshold settings in dB, k1 is the slope for region 1, and O2 is the offset in dB at T2. If the user
chooses to select a value of O1 that does not obey the above equation, a discontinuity at T1 is realized.
Going down in volume from T2, the slope k1 remains in effect until the input level T1 is reached. If, at this input level,
the offset of the transfer function curve from the 1:1 transfer curve does not equal O1, there is a discontinuity at this
input level as the transfer function is snapped to the offset called for by O1. If no discontinuity is wanted, O1 and/or
k1 must be adjusted so that the value of the transfer curve at the input level T1 is offset from the 1:1 transfer curve
by the value O1. The examples that follow illustrate both continuous and discontinuous transfer curves at T1.
Going down in volume from T1, starting at the offset level O1, the slope k0 defines the compression/expansion activity
in the lower region of the DRC transfer curve.
3.7.2.1 Threshold Parameter Computation
For thresholds,
TdB = −6.0206TINPUT = −6.0206TSUB_ADDRESS_ENTRY
If, for example, it is desired to set T1 = –64 dB, then the subaddress entry required to set T1 to –64 dB is:
T1
SUB_ADDRESS_ENTRY +
*64
*6.0206 +
10.63
From Figure 3−23, it can be seen that T1 is entered as a 48-bit number in 25.23 format. Therefore:
T1 = 10.63 = 0_1010.1010_0001_0100_0111_1010_111
= 0x00000550A3D7 in 25.23 format
3.7.2.2 Offset Parameter Computation
The offsets set the boost or cut applied by the DRC-derived gain coefficient at the threshold point. An equivalent
statement is that offsets represent the departure of the actual transfer function from a 1:1 transfer at the threshold
point. Offsets are 25.23-formatted 48-bit logarithmic numbers. They are computed by the following equation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com