Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBT Datasheet(PDF) 57 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 57 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 53Page - Texas Instruments TAS3103ADBT Datasheet HTML 54Page - Texas Instruments TAS3103ADBT Datasheet HTML 55Page - Texas Instruments TAS3103ADBT Datasheet HTML 56Page - Texas Instruments TAS3103ADBT Datasheet HTML 57Page - Texas Instruments TAS3103ADBT Datasheet HTML 58Page - Texas Instruments TAS3103ADBT Datasheet HTML 59Page - Texas Instruments TAS3103ADBT Datasheet HTML 60Page - Texas Instruments TAS3103ADBT Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 154 page
background image
2−24
S
S
S
S
S
S
47
40
39
32
31
24
23
22
21
20
19
16
15
8
7
0
Overhead/Guard Bits
16-Bit
Audio
18-Bit
Audio
20-Bit
Audio
24-Bit
Audio
Precision/Noise Bits
32-Bit
Audio
Figure 2−19. DAP Arithmetic Unit Data Word Structure
The arithmetic engine is a 48-bit (25.23-format) processor consisting of a general-purpose 76-bit arithmetic logic unit
(ALU) and function-specific arithmetic blocks. Multiply operations (excluding the function-specific arithmetic blocks)
always involve 48-bit DAP words and 28-bit coefficients (usually I2C programmable coefficients). If a group of
products is to be added together, the 76-bit product of each multiplication is applied to a 76-bit adder, where a DSP-like
multiply-accumulate (MAC) operation takes place. Biquad filter computations use the MAC operation to maintain
precision in the intermediate computational stages.
To maximize the linear range of the 76-bit ALU, saturation logic is not used. Intermediate overflows are then permitted
in multiply-accumulate operations, but it is assumed that subsequent terms in the multiply-accumulate computation
flow corrects the overflow condition. The biquad filter structure used in the TAS3103A is the direct form-I structure
and has only one accumulation node. With this type of structure, intermediate overflow is allowed as long as the
designer of the filters has ensured that the final output is bounded and does not overflow. Figure 2−20 shows a
bounded computation that experiences an intermediate overflow condition. For ease of illustration, 8-bit arithmetic
is used.
The DAP memory banks include a dual-port data RAM for storing intermediate results, a coefficient RAM, a 4K
× 16
RAM for implementing the delay stages, and a fixed program ROM. Only the coefficient RAM, accessible via the I2C
bus, is available to the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com