Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBT Datasheet(PDF) 98 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 98 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 94Page - Texas Instruments TAS3103ADBT Datasheet HTML 95Page - Texas Instruments TAS3103ADBT Datasheet HTML 96Page - Texas Instruments TAS3103ADBT Datasheet HTML 97Page - Texas Instruments TAS3103ADBT Datasheet HTML 98Page - Texas Instruments TAS3103ADBT Datasheet HTML 99Page - Texas Instruments TAS3103ADBT Datasheet HTML 100Page - Texas Instruments TAS3103ADBT Datasheet HTML 101Page - Texas Instruments TAS3103ADBT Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 154 page
background image
3−35
O
INPUT +
O
DESIRED )
24.0824 dB
6.0206
Gains or boosts are represented as negative numbers; cuts or attenuation are represented as positive numbers. For
example, to achieve a boost of 21 dB at threshold T1, the I2C coefficient value entered for O1 must be:
O1
INPUT +
–21 dB
) 24.0824 dB
6.0206
+ 0.51197555
+ 0.1000_0011_0001_1101_0100
+ 0x00000041886A in 25.23 format
More examples of offset computations follow.
3.7.2.3 Slope Parameter Computation
In developing the equations used to determine the subaddress input value required to realize a given compression
or expansion within a given region of the DRC, the following convention is adopted.
DRC Transfer = Input Increase : Output Increase
If the DRC realizes an output increase of n dB for every dB increase in the rms value of the audio into the DRC, a
1:n expansion is being performed. If the DRC realizes a 1-dB increase in output level for every n-dB increase in the
rms value of the audio into the DRC, a n:1 compression is being performed.
For 1:n expansion, the slope k can be found by:
k = n − 1
For n:1 compression, the slope k can be found by: k
+ 1
n –1
In both expansion (1:n) and compression (n:1), n is implied to be greater than 1. Thus, for expansion:
k = n −1 means k > 0 for n > 1. Likewise, for compression, k
+ 1
n –1 means −1 < k < 0 for n > 1. Thus, it appears that
k must always lie in the range k > −1.
The DRC imposes no such restriction, and k can be programmed to values as negative as −15.999. To determine
what results when such values of k are entered, it is first helpful to note that the compression and expansion equations
for k are actually the same equation. For example, a 1:2 expansion is also a 0.5:1 compression.
0.5 Compression
å k + 1
0.5
–1
+ 1
1 : 2 Expansion
å k + 2–1 + 1
As can be seen, the same value for k is obtained either way. The ability to choose values of k less than −1 allows the
DRC to implement negative-slope transfer curves within a given region. Negative-slope transfer curves are usually
not associated with compression and expansion operations, but the definition of these operations can be expanded
to include negative-slope transfer functions. For example, if k = −4
Compression equation: k
+*4 + 1
n *1 å n +*
1
3
å*0.3333 : 1 compression
Expansion equation: k
+*4 + n * 1 å n +*3 å 1: *3 expansion
With k = −4, the output decreases 3 dB for every 1-dB increase in the rms value of the audio into the DRC. As the
input increases in volume, the output decreases in volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com