Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBT Datasheet(PDF) 101 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 101 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 97Page - Texas Instruments TAS3103ADBT Datasheet HTML 98Page - Texas Instruments TAS3103ADBT Datasheet HTML 99Page - Texas Instruments TAS3103ADBT Datasheet HTML 100Page - Texas Instruments TAS3103ADBT Datasheet HTML 101Page - Texas Instruments TAS3103ADBT Datasheet HTML 102Page - Texas Instruments TAS3103ADBT Datasheet HTML 103Page - Texas Instruments TAS3103ADBT Datasheet HTML 104Page - Texas Instruments TAS3103ADBT Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 154 page
background image
3−38
O1
INPUT +
1
6.0206
[
*7.5 ) 24.0824] + 2.754277
+ 0 0010.1100 0001 0001 1000 0100 110
+ 0x0000 0160 8C26 in 25.23 format
For input levels above the T2 threshold, the transfer function exhibits a 1:1.1 expansion. For input levels below T2,
the transfer function exhibits a 2:1 compression. Also, by definition, it is seen that there is no discontinuity in the
transfer function at T2. When the 2:1 compression curve in region 1 intersects the T1 threshold level, the output level
is 7.5 dB above the 1:1 transfer, an offset value identical to O1. Thus, there is no discontinuity at T1. For input levels
below T1, the transfer function exhibits a 1:1.05 expansion.
DRC rms input levels below −192 dB fall below the 32-bit precision of the DRC input (32 bits
× −6 dB/bit = −192 dB).
This means that for levels below −192 dB, the DRC sees a constant input level of 0, and thus the computed DRC gain
coefficient remains fixed at the value computed when the input was at −192 dB. The transfer function then has a 1:1
slope below the –192-dB input level and is offset from the 1:1 transfer curve by the offset present at the –192-dB input
level.
The change from a 1:1.05 expansion to a 1:1 transfer below −192 dB is the result of 32-bit dynamic range saturation
at the DRC input. This type of saturation always occurs at a DRC input level of −192 dB. However, the input level at
which this type of saturation occurs depends on the channel gain. For this example, the saturation occurs at an input
level of −168 dB (−192-dB DRC input + 48 dB 8-bit headroom –24-dB mixer gain into DRC).
3.7.3.2 Example 2—Compression/Expansion/Compression Transfer Function With Maximum Gain
Saturation and 32-Bit Dynamic Range Saturation
The transfer function parameters for this example are given in Table 3−5. In setting the threshold levels it is assumed
that the net processing gain between the SAP input and the DRC is 0 dB. This is the same as Example 1 except that
the gain of the mixer into the DRC is set to 1 instead of 24. Because of the 8-bit headroom in the 48-bit DAP word,
the upper eight bits of the 32-bit DRC input word are zero, resulting in 0-dB signal levels at the SAP input being seen
as –48-dB signal levels at the DRC.
Figure 3−25 shows the DRC transfer function resulting from the parameters given in Table 3−5. At threshold level
T2 (−70 dB), O2 specifies a boost of 30 dB. But the signed, 5.23-formatted gain coefficient only provides a 24-dB boost
capability (5 integer bits = Sxxxx
≥ 24 × 6 dB/octave = 24 dB). Internally, the DRC operates in 48-bit space and thus
computes a 30-dB boost. But the 5.23-formatted gain coefficient saturates or clips at 24 dB. The transfer curve thus
resides 24 dB above the 1:1 transfer curve at T2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com