Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3103ADBT Datasheet(PDF) 76 Page - Texas Instruments

Part # TAS3103ADBT
Description  Digital Audio Processor With 3D Effects
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS3103ADBT Datasheet(HTML) 76 Page - Texas Instruments

Back Button TAS3103ADBT Datasheet HTML 72Page - Texas Instruments TAS3103ADBT Datasheet HTML 73Page - Texas Instruments TAS3103ADBT Datasheet HTML 74Page - Texas Instruments TAS3103ADBT Datasheet HTML 75Page - Texas Instruments TAS3103ADBT Datasheet HTML 76Page - Texas Instruments TAS3103ADBT Datasheet HTML 77Page - Texas Instruments TAS3103ADBT Datasheet HTML 78Page - Texas Instruments TAS3103ADBT Datasheet HTML 79Page - Texas Instruments TAS3103ADBT Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 154 page
background image
3−13
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
00000xxx
00000000
0xF5
CH3
Ack
00000xxx
CH2
Ack
00000xxx
CH1
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
00000xxx
00000000
0xF7
CH3
Ack
00000xxx
CH2
Ack
00000xxx
CH1
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
xxxxxxxx
00000000
0xF6
Ack
xxxxxxxx
Ack
xxxxxxxx
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
xxxxxxxx
00000000
0xF8
Ack
xxxxxxxx
Ack
xxxxxxxx
CH1
Treble Shelf Selection (Filter Index)
CH2
CH3
CH1
CH2
CH3
Bass Shelf Selection (Filter Index)
Treble Filter Set Selection
Bass Filter Set Selection
BASS
FILTER 5
BASS
FILTER 4
BASS
FILTER 3
BASS
FILTER 2
BASS
FILTER 1
TREBLE
FILTER 5
TREBLE
FILTER 3
TREBLE
FILTER 1
TREBLE
FILTER 4
TREBLE
FILTER 2
MID-BAND
MAX BOOST
SHELF
MAX CUT
SHELF
Treble and Bass Filter Set Commands
0 => Reserved
1 − 5 => Filter Sets 1 − 5
6 − 7 => Reserved
Treble and Bass Filter Shelf Commands
0 =>
Reserved
1 − 150 => Filter Shelves 1 − 150
1
=> +18-dB Boost
150 => −18-dB Cut
151 − 255 => Reserved
FREQUENCY
S
Slave Addr
Ack
Subaddr
Ack
Ack
Ack
00000000
00000000
0xF1
Ack
0000000
Ack
xxxxxxxx
Treble/Bass Slew Rate = TBLC
(Slew Rate = TBLC/Fs,
Where Fs = Audio Sample Rate)
Treble/Bass Slew Rate Selection
V
C
S
0
7
3-dB CORNERS (kHz)
Fs
(LRCLK)
FILTER SET 5
FILTER SET 4
(Default)
FILTER SET 3
FILTER SET 2
FILTER SET 1
(LRCLK)
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
96 kHz
0.25
6
0.5
12
0.75
18
1
24
1.5
36
88.4 kHz
0.23
5.525
0.46
11.05
0.691
16.575
0.921
22.1
1.381
33.15
64 kHz
0.167
4
0.333
8
0.5
12
0.667
16
1
24
48 kHz
0.125
3
0.25
6
0.375
9
0.5
12
0.75
18
44.1 kHz
0.115
2.756
0.23
5.513
0.345
8.269
0.459
11.025
0.689
16.538
38 kHz
0.099
2.375
0.198
4.75
0.297
7.125
0.396
9.5
0.594
14.25
32 kHz
0.083
2
0.167
4
0.25
6
0.333
8
0.5
12
24 kHz
0.063
1.5
0.125
3
0.188
4.5
0.25
6
0.375
9
22.05 kHz
0.057
1.378
0.115
2.756
0.172
4.134
0.23
5.513
0.345
8.269
16 kHz
0.042
1
0.083
2
0.125
3
0.167
4
0.25
6
12 kHz
0.031
0.75
0.063
1.5
0.094
2.25
0.125
3
0.188
4.5
11.025 kHz
0.029
0.689
0.057
1.378
0.086
2.067
0.115
2.756
0.172
4.134
Figure 3−13. Bass and Treble Filter Selections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com