Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS5500MPAPREP
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5500MPAPREP Datasheet HTML 14Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 15Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 16Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 17Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 18Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 19Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 20Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 21Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
18
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 125 MSPS, and DLL On (unless
otherwise noted)
AC PERFORMANCE vs DIGITAL SUPPLY VOLTAGE
79
78
77
76
75
74
73
72
71
70
69
DRV
DD (V)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
f
S = 125MSPS
f
IN = 150MHz
AV
DD =3.3V
SNR
SFDR
AC PERFORMANCE vs DIGITAL SUPPLY VOLTAGE
84
82
80
78
76
74
72
70
DRV
DD (V)
3.03.1
3.23.3
3.43.5
3.6
f
S = 125MSPS
f
IN =70MHz
AV
DD =3.3V
SNR
SFDR
POWER DISSIPATION vs SAMPLE RATE
850
800
750
700
650
600
550
500
Sample Rate (MSPS)
10
30
50
70
90
110
130
150
AV
DD =DRVDD =3.3V
f
IN = 150MHz
POWER DISSIPATION vs SAMPLING FREQUENCY
800
750
700
650
600
550
500
Sampling Frequency (MSPS)
10
20
30
40
50
60
70
80
90 100 110 120
f
IN =70MHz
DLL Off
DLL On
SIGNAL−TO−NOISE RATIO AND
SPURIOUS−FREE DYNAMIC RANGE vs TEMPERATURE
90
85
80
75
70
65
60
Temperature (
_C)
-40
0
25
40
85
SFDR
SNR
f
S = 125MSPS
f
IN = 70MHz
DLL On
AC PERFORMANCE vs INPUT AMPLITUDE
90
80
70
60
50
40
30
20
10
0
-10
-20
-30
Input Amplitude (dBFS)
-100 -90 -80 -70 -60 -50 -40 -30 -20 -10
0
SFDR (dBc)
SNR (dBFS)
SNR (dBc)
f
S = 125MSPS
f
IN =70MHz
DLL On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com