Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS5500MPAPREP
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5500MPAPREP Datasheet HTML 6Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 7Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 8Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 9Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 10Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 11Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 12Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 13Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
10
Table 2. Serial Register Table
A3
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
1
1
0
1
0
0
0
0
0
0
0
0
0
0
DLL
OFF
0
DLL OFF = 0: Internal DLL is on, recommended for
60−125 MSPS clock speed
DLL OFF = 1: Internal DLL is off, recommended for
10−80 MSPS clock speed
1
1
1
0
0
TP<1>
TP<0>
0
0
0
0
0
0
0
0
0
TP<1:0>: Test modes for output data capture
TP<1> = 0, TP<0> = 0: Normal mode of operation,
TP<1> = 0
TP<0> = 1: All output lines are pulled to ’0’, TP<1> = 1
TP<0> = 0: All output lines are pulled to ’1’, TP<1> = 1
TP<0> = 1: A continuous stream of ’10’ comes out on
all output lines
1
1
1
1
PDN
0
0
0
0
0
0
0
0
0
0
0
PDN = 0: Normal mode of operation,
PDN = 1: Device is put in power down (low current)
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com