Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5500MPAPREP
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5500MPAPREP Datasheet HTML 2Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 3Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 4Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 5Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 6Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 7Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 8Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 9Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
6
ELECTRICAL CHARACTERISTICS(continued)
Typ, min, and max values at TA = 25°C, full temperature range is TMIN = −55°C to TMAX = 125°C, sampling rate = 125 MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3 V, DLL On, −1−dBFS differential input, and 3-VPP differential clock (unless otherwise noted)
PARAMETER
UNIT
MAX
TYP
MIN
CONDITIONS
fIN = 10 MHz
Room temp
82
91
fIN = 10 MHz
Full temp range
77
86
fIN = 30 MHz
86
fIN = 55 MHz
84
Second−harmonic (HD2)
fIN = 70 MHz
Room temp
80
87
dBc
Second−harmonic (HD2)
fIN = 70 MHz
Full temp range
75
83
dBc
fIN = 100 MHz
84
fIN = 150 MHz
78
fIN = 225 MHz
74
fIN = 10 MHz
Room temp
82
89
fIN = 10 MHz
Full temp range
77
88
fIN = 30 MHz
90
fIN = 55 MHz
79
Third harmonic (HD3)
fIN = 70 MHz
Room temp
80
85
dBc
Third harmonic (HD3)
fIN = 70 MHz
Full temp range
75
82
dBc
fIN = 100 MHz
82
fIN = 150 MHz
80
fIN = 225 MHz
76
Worst-harmonic/spur
fIN = 10 MHz
Room temp
88
dBc
Worst-harmonic/spur
(other than HD2 and HD3)
fIN = 70 MHz
Room temp
86
dBc
fIN = 10 MHz
Room temp
69
70
fIN = 10 MHz
Full temp range
66.5
70
fIN = 30 MHz
70
fIN = 55 MHz
69.5
Signal-to-noise + distortion (SINAD)
fIN = 70 MHz
Room temp
68.5
69
dBc
Signal-to-noise + distortion (SINAD)
fIN = 70 MHz
Full temp range
65
69.5
dBc
fIN = 100 MHz
69
fIN = 150 MHz
69
fIN = 225 MHz
66.4
fIN = 10 MHz
Room temp
80
85
fIN = 10 MHz
Full temp range
76
83
fIN = 30 MHz
82
fIN = 55 MHz
77
Total harmonic distortion (THD)
fIN = 70 MHz
Room temp
77.5
81
dBc
Total harmonic distortion (THD)
fIN = 70 MHz
Full temp range
74
79.5
dBc
fIN = 100 MHz
79
fIN = 150 MHz
75
fIN = 225 MHz
71.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com