Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5500MPAPREP
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5500MPAPREP Datasheet HTML 1Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 2Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 3Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 4Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 5Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 6Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 7Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 8Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
3
ABSOLUTE MAXIMUM RATINGS(1)
over operating free-air temperature range (unless otherwise noted)
ADS5500-EP
UNIT
Supply
Voltage
AVDD to
AGND,
DRVDD to
DRGND
−0.3 to +3.7
V
Voltage
AGND to
DRGND
±0.1
V
Analog input to AGND
−0.15 to +2.5
V
Logic input to DRGND
−0.3 to DRVDD
+ 0.3
V
Digital data output to DRGND
−0.3 to DRVDD
+ 0.3
V
Input current (any input)
30
mA
Operating temperature range
−55 to +125
°C
Junction temperature
+142
°C
Storage temperature range
−65 to +150
°C
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
TQFP−64 PowerPADTM Package
Thermal Characteristics
PARAMETER
SAME
PACKAGE
FORM
WITHOUT
PowerPAD
PowerPAD NOT
CONNECTED
TO PCB
THERMAL
PLAN
PowerPAD
CONNECTED
TO PCB
THERMAL
PLANE(2)
Thermal
resistance,
junction to
ambient (see
(1) and (2)),
RTJA
75.83ºC/W
42.2ºC/W
21.47ºC/W
Thermal
resistance,
junction to
case (see (1)
and (2)), RTJC
7.8ºC/W
0.38ºC/W
0.38ºC/W
(1) Specified with the PowerPAD bond pad on the backside of the
package soldered to a 2-oz Cu plate PCB thermal plane.
(2) Airflow is at 0 LFM (no airflow)
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because small parametric changes could cause
the device not to meet its published specifications.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
Supplies
Analog supply voltage, AVDD
3
3.3
3.6
V
Output driver supply voltage, DRVDD
3
3.3
3.6
V
Analog Input
Differential input range
2.3
VPP
Input common-mode voltage,
VCM(1)
1.5
1.6
V
Digital Output
Maximum output load
10
pF
Clock Input
ADCLK input sample
DLL ON
60
125
MSPS
ADCLK input sample
rate (sine wave) 1/tC
DLL OFF
10
80
MSPS
Clock amplitude, sine wave,
differential(2)
3
VPP
Clock duty cycle(3)
50%
Open free-air temperature
−55
125
°C
(1) Input common-mode should be connected to CM.
(2) See Figure 14 for more information.
(3) See Figure 13 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com