Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS5500MPAPREP
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5500MPAPREP Datasheet HTML 5Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 6Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 7Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 8Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 9Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 10Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 11Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 12Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
9
RESET TIMING CHARACTERISTICS
Typ, min, and max values at TA = 25°C, min and max specified over the full recommended operating temperature range,
AVDD = DRVDD = 3.3 V, 3−VPP differential clock (unless otherwise noted)
PARAMETER
DESCRIPTION
TYP
UNIT
Switching Specification
Power−up time
Delay from power−up of AVDD and DRVDD to output
stable
40
ms
SERIAL PROGRAMMING INTERFACE CHARACTERISTICS
The device has a three-wire serial interface. The device
latches the serial data SDATA on the falling edge of
serial clock SCLK when SEN is active.
D Serial shift of bits is enabled when SEN is low.
SCLK shifts serial data at falling edge.
D Minimum width of data stream for a valid loading is
16 clocks.
D Data is loaded at every 16th SCLK falling edge
while SEN is low.
D In case the word length exceeds a multiple of
16 bits, the excess bits are ignored.
D Data can be loaded in multiple of 16-bit words within
a single active SEN pulse.
A3
ADDRESS
SDATA
MSB
DATA
A2
A1
A0
D11
D10
D9
D0
Figure 3. DATA Communication Is 2 Byte, MSB First
tSLOADS
tWSCLK
tOS
tOH
tWSCLK
tSCLK
16 x M
MSB
LSB
LSB
MSB
tSLOADH
SCLK
SEN
SDATA
Figure 4. Serial Programming Interface Timing Diagram
Table 1. Serial Programming Interface Timing Characteristics
SYMBOL
PARAMETER
MIN(1)
TYP(1)
MAX(1)
UNIT
tSCLK
SCLK period
50
ns
tWSCLK
SCLK duty cycle
25%
50%
75%
tSLOADS
SEN to SCLK setup time
8
ns
tSLOADH
SCLK to SEN hold time
6
ns
tDS
Data setup time
8
ns
tDH
Data hold time
6
ns
(1) Min, typ, and max values are characterized, but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com