Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS5500MPAPREP
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5500MPAPREP Datasheet HTML 18Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 19Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 20Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 21Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 22Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 23Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 24Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 25Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
22
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 125 MSPS, and DLL On (unless
otherwise noted)
65
70
75
80
85
90
95
50
0
100
150
200
250
300
Input Frequency (MHz)
40
50
60
70
80
90
100
110
120
130
140
150
SECOND HARMONIC (HD2) WITH DLL ON
80
80
80
80
83
83
83
83
83
83
86
86
86
86
86
86
86
86
86
86
86
89
89
89
89
89
89
89
89
89
89
71
71
71
71
68
68
68
74
74
74
74
77
77
77
77
77
92
92
92
92
92
92
92
92
92
95
95
95
95
95
95
98
98
98
98
98
SECOND HARMONIC (HD2) WITH DLL OFF
70
75
80
85
90
95
50
0
100
150
200
250
300
Input Frequency (MHz)
10
20
30
40
50
60
70
80
81
81
81
84
84
84
84
87
90
90
87
87
87
75
78
93
93
93
96
99
99
99
99
99
99
96
96
93
78
78
75
75
72
72
72
68
68
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com