Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500MPAPREP Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS5500MPAPREP
Description  14-Bit 125-MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500MPAPREP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5500MPAPREP Datasheet HTML 15Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 16Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 17Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 18Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 19Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 20Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 21Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 22Page - Texas Instruments ADS5500MPAPREP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
ADS5500-EP
SGLS286C − JUNE 2005 – REVISED SEPTEMBER 2008
www.ti.com
19
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 125 MSPS, and DLL On (unless
otherwise noted)
AC PERFORMANCE vs INPUT AMPLITUDE
90
80
70
60
50
40
30
20
10
0
-10
-20
-30
Input Amplitude (dBFS)
-100 -90 -80 -70 -60 -50 -40 -30 -20 -10
0
SFDR (dBc)
SNR (dBFS)
SNR (dBc)
f
S =125MSPS
f
IN =150MHz
DLL On
AC PERFORMANCE vs INPUT AMPLITUDE
90
80
70
60
50
40
30
20
10
0
-10
-20
-30
Input Amplitude (dBFS)
-90 -80 -70 -60 -50 -40 -30 -20 -10
0
SFDR (dBc)
SNR (dBFS)
SNR (dBc)
f
S = 125MSPS
f
IN = 220MHz
DLL On
OUTPUT NOISE HISTOGRAM
40
35
30
25
20
15
10
5
0
Output Code
AC PERFORMANCE vs CLOCK AMPLITUDE
90
85
80
75
70
65
60
55
50
Differential Clock Amplitude (V)
f
S = 125MSPS
f
IN = 70MHz
0
0.5
1.0
1.5
2.0
2.5
3.0
SFDR
SNR
WCDMA TONE
0
-20
-40
-60
-80
-100
-120
-140
Frequency (MHz)
0
102030
405060
f
S = 150MSPS
f
IN = 125MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com