Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT/A Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8545ATT/A
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/A Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8545ATT/A Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 14Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 15Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 16Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
13 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
[1]
When RESET is active, the pin OSCCLK is in 3-state.
[2]
In this state, an external clock may be applied, but it is not a requirement.
[3]
9.6 kHz is the nominal frequency with q = 24, see Table 14.
External clock: In applications where an external clock must be applied to the PCF8545,
bit OSC (see Table 10) has to be set logic 1. In this case pin OSCCLK becomes an input.
The OSCCLK signal must switch between the VSS and the VDD voltage supplied to the
chip.
The EFR bit determines the external clock frequency (230 kHz or 9.6 kHz). The clock
frequency (fclk(ext)) in turn determines the LCD frame frequency, see Table 14.
Remark: If an external clock is used, then this clock signal must always be supplied to the
device when the display is on. Removing the clock may freeze the LCD in a DC state
which damages the LCD material.
8.1.4.2
Timing and frame frequency
The timing of the PCF8545 organizes the internal data flow of the device. This includes
the transfer of display data from the display RAM to the display segment outputs. The
timing also generates the LCD frame frequency which it derives as an integer division of
the clock frequency (see Table 14). The frame frequency is a fixed division of the internal
clock or of the frequency applied to pin OSCCLK when an external clock is used.
[1]
Other values of the frame frequency prescaler see Table 18.
When the internal clock is used, or an external clock with EFR = 1, the LCD frame
frequency can be programmed by software in steps of approximately 10 Hz in the range of
60 Hz to 300 Hz (see Table 18). Furthermore the internal oscillator is factory calibrated,
see Table 34 on page 50.
Table 13.
OSCCLK pin state depending on configuration
PD
OSC
COE
EFR
OSCCLK pin[1]
power-down
n.a.
off
n.a.
3-state[2]
power-down
n.a.on
n.a.VDD
power-up
internal oscillator
off
n.a.
3-state
on
n.a.
9.6 kHz output[3]
external oscillator
n.a.
9.6 kHz
9.6 kHz input
230 kHz
230 kHz input
Table 14.
LCD frame frequencies
Frame frequency
Typical external
frequency (Hz)
Nominal frame
frequency (Hz)
EFR bit
Value of q[1]
9600
200
0
-
230000
200
1
24
f
fr LCD

f
clk ext

48
-----------------
=
f
fr LCD

f
clk ext

48 q
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com