Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT/A Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF8545ATT/A
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/A Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF8545ATT/A Datasheet HTML 38Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 39Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 40Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 41Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 42Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 43Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 44Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 45Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
42 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
9.3 SPI-bus interface
Data transfer to the device is made via a 3 line SPI-bus (see Table 30). There is no output
data line. The SPI-bus is initialized whenever the chip enable line pin CE is inactive.
[1]
The chip enable must not be wired permanently LOW.
9.3.1 Data transmission
The chip enable signal is used to identify the transmitted data. Each data transfer is a byte
with the Most Significant Bit (MSB) sent first.
The transmission is controlled by the active LOW chip enable signal CE. The first byte
transmitted is the subaddress byte.
The subaddress byte opens the communication with a read/write bit and a subaddress.
The subaddress is used to identify multiple devices on one SPI-bus.
After the subaddress byte, a control byte follows (see Section 9.1 on page 36).
Table 30.
Serial interface
Symbol
Function
Description
CE
chip enable input[1]; active LOW
when HIGH, the interface is reset
SCL
serial clock input
input may be higher than VDD
SDI
serial data input
input may be higher than VDD; input data is
sampled on the rising edge of SCL
Fig 32. Data transfer overview
Table 31.
Subaddress byte definition
Bit
Symbol
Value
Description
7R/W
data read or write selection
0
write data
1
read data
6 to 5
SA[1:0]
01
subaddress; other codes cause the device to
ignore data transfer
4 to 0
-
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com