Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT/A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8545ATT/A
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8545ATT/A Datasheet HTML 19Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 20Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 21Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 22Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 23Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 24Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 25Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 26Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
23 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
(5)
VLCD is sometimes referred to as the LCD operating voltage.
8.4.1 Electro-optical performance
Suitable values for Von(RMS) and Voff(RMS) are dependent on the LCD liquid used. The
RMS voltage, at which a pixel gets switched on or off, determine the transmissibility of the
pixel.
For any given liquid, there are two threshold values defined. One point is at 10 % relative
transmission (at Vth(off)) and the other at 90 % relative transmission (at Vth(on)), see
Figure 13. For a good contrast performance, the following rules should be followed:
(6)
(7)
Von(RMS) and Voff(RMS) are properties of the display driver and are affected by the selection
of a, n (see Equation 3 to Equation 5) and the VLCD voltage.
Vth(off) and Vth(on) are properties of the LCD liquid and can be provided by the module
manufacturer. Vth(off) is sometimes named Vth. Vth(on) is sometimes named saturation
voltage Vsat.
It is important to match the module properties to those of the driver in order to achieve
optimum performance.
D
V
on RMS

V
off RMS

-----------------------
a
2
2a
n
++
a
2
2a
–
n
+
---------------------------
==
Fig 13. Electro-optical characteristic: relative transmission curve of the liquid
V
on RMS

V
th on

V
off RMS

V
th off




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com