Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT/A Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8545ATT/A
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8545ATT/A Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 14Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 15Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
12 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
8.1.4.1
Oscillator
The system is designed to operate from a 9.6 kHz or a 230 kHz clock. This clock can be
sourced internally or externally. The internal logic and LCD drive signals of the PCF8545
are timed either by the internal oscillator or from the clock externally supplied.
Internal clock: When the internal oscillator is used, all LCD signals are generated from it.
The oscillator runs at nominal 230 kHz. The relationship between this frequency and the
LCD frame frequency is detailed in Section 8.1.7. Control over the internal oscillator is
made with the OSC bit (see Section 8.1.4).
It is possible to make the internal oscillator signal available on pin OSCCLK by using the
oscillator-control command (see Table 10) and configuring the clock output enable (COE)
bit. If not required, the pin OSCCLK should be left open or connected to VSS. At power-on
the signal at pin OSCCLK is disabled and pin OSCCLK is in 3-state.
Clock output is only valid when using the internal oscillator. The signal appears on the
OSCCLK pin.
An intermediate clock frequency is available at the OSCCLK pin. The duty cycle of this
clock varies with the chosen divide ratio.
(1) Can only be used with the internal oscillator (OSC = 0).
(2) Can only be used with an external oscillator (OSC = 1).
(3) Nominal value for divide factor q is 24; source clock is 230 kHz (see Section 8.1.7).
Fig 7.
Oscillator selection
Table 11.
Valid combinations of bits OSC, EFR, and COE
OSC
COE
EFR
OSCCLK pin
Clock source
0
0
not used
inactive;
may be left floating
internal oscillator used
0
1
not used
output of internal oscillator
frequency (prescaler)
internal oscillator used
1
not used
0
9.6 kHz input
OSCCLK pin
1
not used
1
230 kHz input
OSCCLK pin
Table 12.
Typical use of bits OSC, EFR, and COE
Usage
OSC
COE
EFR
LCD with internal oscillator
0
0
not used
LCD with external oscillator (230 kHz)
1
not used
1
LCD with external oscillator (9.6 kHz)
1
not used
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com