Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT/A Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8545ATT/A
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/A Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8545ATT/A Datasheet HTML 32Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 33Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 34Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 35Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 36Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 37Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 38Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 39Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
36 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
9.
Bus interfaces
9.1 Control byte and register selection
After initiating the communication over the bus and sending the slave address (I2C-bus,
see Section 9.2) or subaddress (SPI-bus, see Section 9.3), a control byte follows. The
purpose of this byte is to indicate both, the content for the following data bytes (RAM, or
command) and to indicate that more control bytes will follow.
Typical sequences could be:
• Slave address/subaddress - control byte - command byte - command byte - command
byte - end
• Slave address/subaddress - control byte - RAM byte - RAM byte - RAM byte - end
• Slave address/subaddress - control byte - command byte - control byte - RAM byte -
end
In this way, it is possible to send a mixture of RAM and command data in one access or
alternatively, to send just one type of data in one access.
Table 25.
Control byte description
Bit
Symbol
Value
Description
7CO
continue bit
0
last control byte
1
control bytes continue
6 to 5
RS[1:0]
register selection
00
command register
01
RAM data
10, 11
unused
4 to 0
-
-
unused
Fig 25. Control byte format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com