Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT/A Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8545ATT/A
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/A Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8545ATT/A Datasheet HTML 36Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 37Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 38Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 39Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 40Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 41Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 42Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 43Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
40 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
9.2.8.1
Status read out
Status read out for I2C-bus operation only. This command initiates the read-out of a fixed
value plus the slave address bit A0 from the PCF8545. The read-out function allows the
I2C master to confirm the existence of the device on the I2C-bus.
If a readout is made, the R/W bit must be logic 1 and then the next data byte following is
provided by the PCF8545 as shown in Figure 31.
In the unlikely case that the chip has entered the internal test mode, detection of this state
is possible by using the modified status read-out detailed in Table 29. The read out value
is modified to indicate that the chip has entered an internal test mode.
Fig 30. I2C-bus protocol write mode
Table 28.
Status read out value
Bit
Symbol
Value
Description
7 to 1
-
0101010
fixed value
0
A0
0
read back value is 01010100
1
read back value is 01010101
(1) From PCF8545.
Fig 31. I2C-bus protocol read mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com