Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT/A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8545ATT/A
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8545ATT/A Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 14Page - NXP Semiconductors PCF8545ATT/A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
11 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
• A clock signal must always be supplied to the device when the display is active.
Removing the clock may freeze the LCD in a DC state, which is not suitable for the
liquid crystal. First disable the display and afterwards remove the clock signal.
8.1.3.4
Display enable
The display enable bit (E) is used to enable and disable the display. When the display is
disabled, all LCD outputs go to VSS. This function is implemented to ensure that no
voltage can be induced on the LCD outputs as it may lead to unwanted displays of
segments.
Recommended start-up sequences are found in Section 8.2.3
Remark: Display enable is not synchronized to an LCD frame boundary. Therefore using
this function to flash a display for prolonged periods is not recommended due to the
possible build-up of DC voltages on the display.
8.1.4 Command: oscillator-control
The oscillator-control command switches between internal and external oscillator and
enables or disables the pin OSCCLK. It is also defines the external frequency.
[1]
Default value.
The bits OSC, COE, and EFR control the source and frequency of the clock used to
generate the LCD signals (see Figure 7). Valid combinations are shown in Table 11.
Table 10.
Oscillator-control - oscillator control command bit description
Bit
Symbol
Value
Description
7 to 3
-
00011
fixed value
2EFR
external clock frequency applied on pin
OSCCLK
0[1]
9.6 kHz
1
230 kHz
1COE
clock output enable for pin OSCCLK
0[1]
clock signal not available on pin OSCCLK;
pin OSCCLK is in 3-state
1
clock signal available on pin OSCCLK
0OSC
oscillator source
0[1]
internal oscillator running
1
external oscillator used;
pin OSCCLK becomes an input;
used in combination with EFR to determine
input frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com