Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5064PMH/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 15Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 16Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 17Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 18Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 19Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 20Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 21Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 22Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
UVLO/EN
SCL
PWR
VEE_K
TIMER
PGD
GATE
SDAO
SMBA
ADR0
ADR1
ADR2
VAUX
VDD
OVLO
CL
DIODE
SDAI
VCC
OUT
RETRY
VREF
VEE
SENSE
SENSE_ K
VAUXH
OUTPUT
GND
VSYS
VDD
LM5064
LOAD
EN
R1
R3
R2
CT
1 µF
1 µF
RPWR
RS
RPG
Q1
GND
+
COUT
Z1
QT
D1
200 k:
8.87 k:
7.87 k:
5.0SMDJ60A
3 m:
MMBT3904
FDB047N10
30.1 k:
B380-13-F
0.15 µF
100 k:
200 µF
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
APPLICATION INFORMATION
Figure 6. Typical Application Circuit
DESIGN-IN PROCEDURE
Refer to Figure 6 for a Typical Application Circuit. The following is a step-by-step procedure for hardware design
of the LM5064. This procedure refers to section numbers that provide detailed information on the following
design steps. The recommended design-in procedure is as follows:
MOSFET Selection: Determine the MOSFET based on breakdown voltage, current and power ratings.
Current Limit, RS: Determine the current limit threshold (ILIM). This threshold must be higher than the normal
maximum load current, allowing for tolerances in the current sense resistor value and the LM5064 Current Limit
threshold voltage. Use Equation 1 to determine the value for RS.
Power Limit Threshold: Determine the maximum allowable power dissipation for the series pass MOSFET (Q1),
using the device’s SOA information. Use Equation 2 to determine the value for RPWR. Note that many MOSFET
manufacturers do not accurately specify the device SOA so it is usually beneficial to choose a conservative value
when selecting RPWR.
Turn-on Time and TIMER Capacitor, CT: Determine the value for the timing capacitor at the TIMER pin (CT)
using Equation 7 and Equation 8. The fault timeout period (tFAULT) MUST be longer than the circuit’s turn-on time.
The turn-on time can be estimated using the equations in the TURN-ON TIME section, but should be verified
experimentally. Review the resulting insertion time and the restart timing if retry is enabled.
UVLO, OVLO: Choose option A, B, C, or D from the UVLO, OVLO section to set the UVLO and OVLO
thresholds and hysteresis. Use the procedure for the appropriate option to determine the resistor values at the
UVLO/EN and OVLO pins.
MOSFET SELECTION
It is recommended that the external MOSFET (Q1) selection is based on the following criteria:
- The BVDSS rating should be greater than the maximum system voltage (VSYS), plus ringing and transients which
can occur when the circuit card, or adjacent cards, are inserted or removed.
- The maximum continuous current rating should be based on the current limit threshold (for example, 26 mV/RS
for CL = VDD), not the maximum load current, since the circuit can operate near the current limit threshold
continuously.
- The Pulsed Drain Current spec (IDM) must be greater than the current threshold for the circuit breaker function
(49/93/187 mV/RS, depending on CL and CB configuration).
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com