Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5064PMH/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5064PMH/NOPB Datasheet HTML 1Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 2Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 3Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 4Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 5Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 6Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 7Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
PIN DESCRIPTIONS (continued)
Pin#
Name
Description
7
SENSE
Current limit and power limit sense input. SENSE provides a direct connection to the MOSFET source and current
sense resistor voltage to detect current limit and power limit events. This unfiltered signal will allow the LM5064 to
quickly respond during over-current or over-power events.
8
SENSE_K
Current telemetry Kelvin sense positive input. SENSE_K is the positive input to a precision differential current sense
amplifier. Connecting SENSE_K to the positive terminal of the current sense resistor will provide an accurate
current telemetry signal.
9
VEE_K
Current telemetry Kelvin sense negative input. The VEE_K pin is the negative input to a precision differential
current sense amplifier. Connecting VEE_K to the negative terminal of the current sense resistor will provide an
accurate current signal.
10
VEE
Negative supply input. Connect the VEE pin to the negative voltage supply rail. Use a small ceramic bypass
capacitor (0.1 µF) from the VEE pin to the VCC pin to suppress transient current spikes when the load switch is
turned off. The operational voltage range for the VEE pin is -10V to -80V. The VEE pin absolute maximum voltage
is -100V.
11
SDAI
SMBus data input. The SDAI pin is designed to read PMBus commands using the SMBus communication protocol.
SDAI can be connected to SDAO if desired.
12
SDAO
SMBus data output. The SDAO pin is designed to transmit PMBus commands using the SMBus communication
protocol. SDAO can be connected to SDAI if desired.
13
SCL
SMBus clock input.
14
SMBA
SMBus alert. This pin is connected to an open drain MOSFET which pulls the pin to VEE if a fault is detected.
15
VREF
Internal ADC reference output. Connect a 1 µF capacitor from the VREF pin to VEE to filter noise imposed on the
internal reference output.
16
DIODE
Positive diode sense. The DIODE pin should be connected to the anode of a diode whose cathode is connected to
VEE for temperature monitoring.
17
VAUX
Auxiliary pin allows voltage telemetry from an external source. Full scale input of 2.97V.
18
ADR2
Address pin 2. The address pins can be connected to VDD, VEE, or left open to set the PMBus address of the
LM5064.
19
ADR1
Address pin 1 The address pins can be connected to VDD, VEE, or left open to set the PMBus address of the
LM5064.
20
ADR0
Address pin 0. The address pins can be connected to VDD, VEE, or left open to set the PMBus address of the
LM5064.
21
VDD
Internal 4.9V sub-regulator output. VDD must be connected and closely coupled to VEE through a 1 µF ceramic
bypass capacitor.
22
CL
Current limit threshold input. The LM5064 detects current limit events by sensing the voltage across a series
resistor. The current limit threshold is set to 26 mV by connecting CL to VDD and 50 mV when CL is connected to
VEE.
23
RETRY
Retry selction pin. Connecting RETRY to VDD sets the LM5064 to lockout after a fault condition is detected.
Connecting RETRY to VEE sets the LM5064 to retry after a fault condition.
24
TIMER
Timing input. Set the insertion time delay and the fault timeout period by connecting a capacitor from the TIMER pin
to VEE. The restart time is also set through the TIMER pin when in restart mode.
25
PWR
Power limit input. Connecting a resistor from PWR to VEE sets the maximum power dissipation allowed in the
external MOSFET switch. Power is calculated using the current information through the current sense resistor and
voltage sensed across the MOSFET.
26
OUT
Output voltage sense input. The OUT pin is used to sense the output voltage and calculate the power across the
MOSFET switch.
27
NC
No connect. This pin is not internally connected and should not be connected to any signal or power rail.
28
PGD
Power good monitor output. Open-drain output pulls low during over-current, UVLO, and OVLO. An external pull-up
resistor to VDD or external rail is required.
EP
EP
Exposed pad. Connect to PCB VEE plane using multiple thermal vias.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com