Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5064PMH/NOPB Datasheet(PDF) 44 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 40Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 41Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 42Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 43Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 44Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 45Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 46Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 47Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
LM5064
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
Table 32. SAMPLES_FOR_AVG Register (continued)
AVGN
N = 2AVGN
Averaging/Register Update Period (ms)
0011
8
8
0100
16
16
0101
32
32
0110
64
64
0111
128
128
1000
256
256
1001
512
512
1010
1024
1024
1011
2048
2048
1100
4096
4096
Note that a change in the SAMPLES_FOR_AVG register will not be reflected in the average telemetry
measurements until the present averaging interval has completed. The default setting for AVGN is 0000,
therefore, the average telemetry will mirror the instantaneous telemetry until a value higher than zero is
programmed.
The SAMPLES_FOR_AVG register is accessed via the PMBus read / write byte protocol.
Table 33. SAMPLES_FOR_AVG Register
Value
Meaning
Default
0h – 0Ch
Exponent (AVGN) for number of samples to
00h
average over
MFR_SPECIFIC_12: READ_AVG_VIN (DCh)
The READ_AVG_VIN command will report the 12-bit ADC measured input average voltage. If the data is not
ready, the returned value will be the previous averaged data. However, if there is no previously averaged data,
the default value (0000h) will be returned. This data is read with the PMBus Read Word protocol. This register
should use the coefficients shown in Table 41.
Table 34. READ_AVG_VIN Register
Value
Meaning
Default
0h – 0FFFh
Average of measured values for input
0000h
voltage
MFR_SPECIFIC_13: READ_AVG_VOUT (DDh)
The READ_AVG_VOUT command will report the 12-bit ADC measured OUT pin average voltage. The returned
value will be the default value (0000h) or previous data when the average data is not ready. This data is read
with the PMBus Read Word protocol. This register should use the coefficients shown in Table 41.
Table 35. READ_AVG_VOUT Register
Value
Meaning
Default
0h – 0FFFh
Average of measured values for output
0000h
voltage
MFR_SPECIFIC_14: READ_AVG_IIN (DEh)
The READ_AVG_IIN command will report the 12-bit ADC measured VAUXH average voltage. The returned
value will be the default value (0000h) or previous data when the average data is not ready. This data is read
with the PMBus Read Word protocol. This register should use the coefficients shown in Table 41.
44
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com