Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5064PMH/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 30Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 31Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 32Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 33Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 34Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 35Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 36Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 37Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
LM5064
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
Table 5. OT_FAULT_LIMIT Register
Value
Meaning
Default
0h – 0FFEh
Over-temperature Fault threshold value
0960h (150°C)
0FFFh
Over-temperature Fault detection disabled
n/a
OT_WARN_LIMIT (51h)
The OT_WARN_LIMIT command is a standard PMBus command that allows configuring or reading the threshold
for the over-temperature warning detection. Reading and writing to this register should use the coefficients
shown in Table 41. Accesses to this command should use the PMBus read or write word protocol. If the
measured temperature exceeds this value, an over-temperature warning is triggered and the OT WARN flags set
in the respective registers and the SMBA signal asserted. A single temperature measurement is an average of
16 round-robin cycles; therefore, the minimum temperature warn detection time is 16 ms.
Table 6. OT_WARN_LIMIT Register
Value
Meaning
Default
0h – 0FFEh
Over-Temperature Warn threshold value
07D0h (125°C)
0FFFh
Over-Temperature Warn detection disabled
n/a
VIN_OV_WARN_LIMIT (57h)
The VIN_OV_WARN_LIMIT command is a standard PMBus command that allows configuring or reading the
threshold for the VIN over-voltage warning detection. Reading and writing to this register should use the
coefficients shown in Table 41. Accesses to this command should use the PMBus read or write word protocol. If
the measured value of VIN falls below the value in this register, VIN OV Warn flags are set in the respective
registers and the SMBA signal is asserted.
Table 7. VIN_OV_WARN_LIMIT Register
Value
Meaning
Default
0h – 0FFEh
VIN Over-Voltage Warning detection
0FFFh (disabled)
threshold
0FFFh
VIN Over-Voltage Warning disabled
n/a
VIN_UV_WARN_LIMIT (58h)
The VIN_UV_WARN_LIMIT command is a standard PMBus command that allows configuring or reading the
threshold for the VIN under-voltage warning detection. Reading and writing to this register should use the
coefficients shown in Table 41. Accesses to this command should use the PMBus read or write word protocol. If
the measured value of VIN falls below the value in this register, VIN UV Warn flags are set in the respective
register, and the SMBA signal is asserted.
Table 8. VIN_UV_WARN_LIMIT Register
Value
Meaning
Default
1h – 0FFFh
VIN Under-Voltage Warning detection
0000h (disabled)
threshold
0000h
VIN Under-Voltage Warning disabled
n/a
34
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com