Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5064PMH/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM5064PMH/NOPB Datasheet HTML 1Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 2Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 3Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 4Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 5Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 6Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 7Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
10
9
8
11
12
1
2
3
4
5
7
6
RETRY
NC
PWR
GATE
SENSE
SENSE_K
VEE
CL
PGD
UVLO/EN
TIMER
25
26
27
28
21
22
23
24
13
14
19
20
OVLO
VAUXH
SDAI
VCC
SDAO
ADR2
ADR1
VDD
VAUX
ADR0
SMBA
SCL
18
17
16
15
VREF
DIODE
VEE_K
OUT
NC
Exposed
Pad
UVLO/EN
SCL
PWR
VEE_K
TIMER
PGD
GATE
SDAO
SMBA
ADR0
ADR1
ADR2
VAUX
VDD
OVLO
CL
DIODE
SDAI
VCC
OUT
RETRY
VREF
VEE
SENSE
SENSE_ K
VAUXH
OUTPUT
GND
-48V
VDD
LM5064
LOAD
EN
R1
R3
R2
CT
1 µF
1 µF
RPWR
RS
RPG
Q1
GND
+
COUT
Z1
0V-2.97V
Auxiliary
ADC Input
INPUT
RAIL
QT
SMBus
Interface
D1
LM5064
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
Typical Application Circuit
Connection Diagram
Top View
28-Lead HTSSOP
9.7 mm × 4.4 mm × 0.9 mm
PWP0028A Package
PIN DESCRIPTIONS
Pin#
Name
Description
1
VCC
Positive supply input. Connect the VCC pin to the positive voltage rail.
2
VAUXH
High voltage auxiliary input. VCC with respect to VEE is measured by connecting the VAUXH pin to the VCC rail.
3
NC
No connect. This pin is not internally connected and should not be connected to any signal or power rail.
4
GATE
MOSFET gate control signal for fault control of the output. The GATE pin is clamped to VEE through a 12.6V
internal zener diode.
5
UVLO/EN
Under-voltage lockout threshold input. Connecting the UVLO pin to a resistor divider from VCC to VEE will set the
under-voltage lockout threshold. After the UVLO pin voltage falls below 2.48V, an internal 20 µA current source is
switched to provide a user settable hysteresis. The UVLO pin can be toggled directly to act as a precision enable.
After the UVLO threshold voltage is exceeded, the output voltage will begin to transition to VVEE as the GATE pin
supplies 52 µA to turn on the MOSFET.
6
OVLO
Over-voltage lockout threshold input. Connecting the OVLO pin to a resistor divider from VCC to VEE will set the
over-voltage lockout threshold. After the OVLO pin voltage exceeds 2.47V, an internal 21 µA current source is
switched to provide a user settable hysteresis. If the OVLO threshold is exceeded, the MOSFET will be immediately
disabled to protect the output.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com