Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5064PMH/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5064PMH/NOPB Datasheet HTML 1Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 2Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 3Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 4Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 5Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 6Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 7Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
LM5064 Negative Voltage System Power Management and Protection IC with PMBus
Check for Samples: LM5064
1
FEATURES
APPLICATIONS
2
•
Input Voltage Range: -10V to -80V
•
Base Station Power Distribution Systems
•
Programmable 26 mV or 50 mV Current Limit
•
Intelligent Solid State Circuit Breaker
Threshold with Power Limiting (MOSFET
•
-24V/-48V Industrial Systems
Power Dissipation Limiting)
•
Real Time Monitoring of VIN, VOUT, IIN, PIN, VAUX
DESCRIPTION
with 12-Bit Resolution and 1 kHz Sampling
The LM5064 combines a high performance hot swap
Rate
controller with a PMBusTM compliant SMBus/I2C
interface to accurately measure, protect and control
•
Configurable Circuit Breaker Protection for
the
electrical
operating
conditions
of
systems
Hard Shorts
connected to a backplane power bus. The LM5064
•
Configurable Under-Voltage and Over-Voltage
continuously
supplies
real-time
power,
voltage,
Protection
current, temperature and fault data to the system
management host via the SMBus interface.
•
Remote Temperature Sensing with
Programmable Warning and Shutdown
The LM5064 control block includes a unique hot
Thresholds
swap architecture that provides current and power
limiting to protect sensitive circuitry during insertion of
•
Detection and Notification of Damaged
boards into a live system backplane, or any other
MOSFET Condition
"hot" power source. A fast acting circuit breaker
•
Power Measurement Accuracy: ±4.5% Over
prevents damage in the event of a short circuit on the
Temperature
output. The input under-voltage and over-voltage
•
True Input Power Averages Dynamic Power
levels and hysteresis are configurable, as well as the
Readings
insertion delay time and fault detection time. A
temperature
monitoring
block
on
the
LM5064
•
Averaging of VIN, IIN, PIN, and VOUT Over
interfaces
with
a
low-cost
external
diode
for
Programmable Interval Ranging from 0.001 to
monitoring the temperature of the external MOSFET
4 Seconds
or other thermally sensitive components. The PGD
•
Programmable WARN and FAULT Thresholds
output provides a fast indicator when the input and/or
with SMBA Notification
output voltages are outside their programmed ranges.
•
Black Box Capture of Telemetry
The LM5064 monitoring circuit computes both the
Measurements and Device Status Triggered by
real-time and average values of subsystem operating
WARN or FAULT Condition
parameters (VIN, IIN, PIN, VOUT) as well as the peak
power. Accurate power averaging is accomplished by
•
I2C/SMBus Interface and PMBus Compliant
averaging the product of the input voltage and
Command Structure
current. A black box (Telemetry/Fault Snapshot)
•
Full Featured Application Development
function captures and stores telemetry data and
Software
device status in the event of a warning or a fault.
•
HTSSOP-28 Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5064PMH/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5064PMH/NOPB TI1-LM5064PMH/NOPB Datasheet
1Mb / 62P
Negative Voltage System Power Management and Protection IC
More results

Similar Description - LM5064PMH/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
High Voltage System Power Management and Protection IC with PMBus
LM5056 TI-LM5056 Datasheet
1Mb / 46P
High-Voltage System Power Management Device with PMBus?
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
System Power Management and Protection IC With PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
Negative Voltage System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com