Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5064PMH/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 45Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 46Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 47Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 48Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 49Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 50Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 51Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 52Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
Table 42. Current and Power Telemetry and Warning Conversion Coefficients (RS in mΩ)
Commands
Condition
Format
Number of
m
b
R
Units
Data Bytes
(1)READ_IIN, READ_AVG_IIN
CL = VDD
DIRECT
2
10742 x RS
1552
-2
A
MFR_IIN_OC_WARN_LIMIT
(1)READ_IIN, READ_AVG_IIN
CL = VEE
DIRECT
2
5456 x RS
2118
-2
A
MFR_IIN_OC_WARN_LIMIT
(1)READ_PIN, READ_AVG_PIN,
CL = VDD
DIRECT
2
1204 x RS
8524
-3
W
READ_PIN_PEAK
MFR_PIN_OP_WARN_LIMIT
(1)READ_PIN, READ_AVG_PIN,
CL = VEE
DIRECT
2
612 x RS
11202
-3
W
READ_PIN_PEAK
MFR_PIN_OP_WARN_LIMIT
(1)
The coefficients relating to current/power measurements and warning thresholds shown in Table 41 are normalized to a sense resistor
(RS) value of 1 mΩ. In general, the current/power coefficients can be calculated using the relationships shown.
Care must be taken to adjust the exponent coefficient, R, such that the value of m remains within the range of -
32768 to +32767. For example, if a 5 m
Ω sense resistor is used, the correct coefficients for the READ_IIN
command with CL = VDD would be m = 5371, b = 155, R = -1.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com