Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8754 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 17Page - Texas Instruments LP8754 Datasheet HTML 18Page - Texas Instruments LP8754 Datasheet HTML 19Page - Texas Instruments LP8754 Datasheet HTML 20Page - Texas Instruments LP8754 Datasheet HTML 21Page - Texas Instruments LP8754 Datasheet HTML 22Page - Texas Instruments LP8754 Datasheet HTML 23Page - Texas Instruments LP8754 Datasheet HTML 24Page - Texas Instruments LP8754 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
~2 2s
Time
0
HW RST by NRST
OTP_MEM_READ
SW RST by I2C
OTP_MEM_READ
tRST1
tRST2
tRST2
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
Inductor Current Dropping to Zero in ~2 µs (All
Converters, All Phases)
Figure 14. Fast Power-Down
Figure 15. Reset Timings
SYMBOL
PARAMETER
LIMIT
tRST1
NRST active low pulse width
1 µs min + value on DELAY_BUCK0 register.
tRST2
NRST inactive or I2C reset
25 µs max
event to MEMORY READ end
Table 2. Hardware Reset, Power-On Reset (POR) and Software Reset: Registers After Reset
SOFTWARE RESET
HARDWARE RESET
POWER-ON RESET
HEX ADDRESS
REGISTER
I2C RESET
NRST LOW(1)
VVIOSYS LOW
0x00
VSET_B0
All bits retained
All bits retained
All bits cleared
0x06
FPWM
All bits cleared
All bits cleared
All bits cleared
0x07 to 0x0C
BUCK0_CTRL to BUCK5_CTRL
All bits cleared
All bits cleared
All bits cleared
0x0D
FLAGS_0
All bits retained
All bits retained
All bits cleared
0x0E
FLAGS_1
All bits retained
All bits retained
All bits cleared
0x0F
INT_MASK0
All bits cleared
All bits cleared
All bits cleared
0x10
GENERAL
All bits cleared
All bits cleared
All bits cleared
0x11
RESET
N/A
All bits cleared
All bits cleared
0x12
DELAY_BUCK0
All bits cleared
All bits cleared
All bits cleared
0x18
CHIP_ID
Read Only
0x19
PFM_LEV_B0
All bits cleared
All bits cleared
All bits cleared
0x1F
PHASE_LEV_B0
All bits cleared
All bits cleared
All bits cleared
0x21
SEL_I_LOAD
All bits retained
All bits retained
All bits cleared
0x22
LOAD_CURR
Read Only
0x2E
INT_MASK_2
All bits cleared
All bits cleared
All bits cleared
(1)
Reset will take effect upon complete of the power-down sequence.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com