Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8754 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 3 Page - Texas Instruments

  LP8754 Datasheet HTML 1Page - Texas Instruments LP8754 Datasheet HTML 2Page - Texas Instruments LP8754 Datasheet HTML 3Page - Texas Instruments LP8754 Datasheet HTML 4Page - Texas Instruments LP8754 Datasheet HTML 5Page - Texas Instruments LP8754 Datasheet HTML 6Page - Texas Instruments LP8754 Datasheet HTML 7Page - Texas Instruments LP8754 Datasheet HTML 8Page - Texas Instruments LP8754 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
F
E
D
C
B
SW
B3
INT
FB
B0+/B0
NSLP
SW
B0
SW
B0
GND
B1/B2
GND
B1/B2
SW
B2
SW
B2
VIN
B2
SDA
SYS
VDDA
5V
SCL
SYS
FB
B3+/B3
SW
B4
VIN
B0/B1
VIN
B2
ADDR
GND
B4/B5
FB
B3-/B4
SCL
SR
FB
B5
VIN
B0/B1
SW
B1
VIN
B0/B1
SW
B1
FB
B0-/B1
FB
B2
NRST
SW
B5
GND
B4/B5
VIN
B3/B4
GND
B1/B2
SDA
SR
VIN
B3/B4
GND
B3
VIO
SYS
GNDA
VLDO
GND
B0
GND
B0
1
2
3
4
5
6
7
G
SW
B3
VIN
B5
SW
B4
SW
B5
GND
B4/B5
VIN
B3/B4
GND
B3
A
BUCK2
BUCK1
BUCK0
BUCK5
BUCK4
BUCK3
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
5 Pin Configuration and Functions
DSBGA (YFQ)
49
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
Input for Buck 2. The separate power pins VINBXX are not connected together internally -
A1, B1
VINB2
P
VINBXX pins must be connected together in the application and be locally bypassed.
A2, B2
SWB2
A
Buck 2 switch node
A3, B3, C3
GNDB1/B2
G
Power Ground for Buck 1 and Buck 2
A4, B4
SWB1
A
Buck 1 switch node
Input for Buck 0 and Buck 1. The separate power pins VINBXX are not connected together
A5, B5, C5
VINB0/B1
P
internally - VINBXX pins must be connected together in the application and be locally bypassed.
A6, B6
SWB0
A
Buck 0 switch node
A7, B7
GNDB0
G
Power Ground for Buck 0
C1
SDASYS
D/I/O
Serial interface data input and output for system access. Connect a pull-up resistor.
C2
SCLSYS
D/I
Serial interface clock input for system access. Connect a pull-up resistor.
Serial bus address selection. Connect to GND (addr = 60h), VIOSYS (addr = 61h), SDASYS
C4
ADDR
D/I
(addr = 62h) or SCLSYS (addr = 63h).
Full Power to Low Power state transition control signal (By default active LOW for Low-Power
C6
NSLP
D/I
PFM mode)
Internal supply voltage capacitor pin. A ceramic low ESR 1-µF capacitor should be connected
C7
VLDO
A
from this pin to GNDA. The LDO voltage is generated internally, do NOT supply or load this pin
externally.
D1
FBB5
A
Not used for six-phase converter. Connect to GND.
D2
FBB3
−/B4
A
Not used for six-phase converter. Connect to GND.
D3
FBB3+/B3
A
Not used for six-phase converter. Connect to GND.
D4
FBB2
A
Not used for six-phase converter. Connect to GND.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com