Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8754 Datasheet(PDF) 45 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 41Page - Texas Instruments LP8754 Datasheet HTML 42Page - Texas Instruments LP8754 Datasheet HTML 43Page - Texas Instruments LP8754 Datasheet HTML 44Page - Texas Instruments LP8754 Datasheet HTML 45Page - Texas Instruments LP8754 Datasheet HTML 46Page - Texas Instruments LP8754 Datasheet HTML 47Page - Texas Instruments LP8754 Datasheet HTML 48Page - Texas Instruments LP8754 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
9 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.5 V and 5 V. This input supply
should be well regulated and able to withstand maximum input current and maintain stable voltage without
voltage drop even at load transition condition. The resistance of the input supply rail should be low enough that
the input current transient does not cause too high drop in the LP8754 supply voltage that can cause false UVLO
fault triggering. If the input supply is located more than a few inches from the LP8754 additional bulk capacitance
may be required in addition to the ceramic bypass capacitors.
10 Layout
10.1 Layout Guidelines
The high frequency and large switching currents of the LP8754 make the choice of layout important. Good power
supply results will only occur when care is given to proper design and layout. Bad layout will affect noise pickup
and generation and can cause a good design to perform with less-than-expected results. With a range of output
currents from milliamps to 10 A, good power-supply layout is more challenging than for most general PCB
design. The following steps should be used as a reference to ensure the device is stable and maintains proper
voltage and current regulation across its intended operating voltage and current range:
1. Place CIN as close as possible to the VINBXX pin and the GND pin. Route the VIN trace wide and thick to
avoid IR drops. The trace between the input capacitor's positive node and LP8754’s VINBXX pin(s) as well
as the trace between the input capacitor's negative node and power GND pin(s) must be kept as short as
possible. The input capacitance provides a low-impedance voltage source for the switching converter. The
parasitic inductance on these traces must be kept as tiny as possible for proper device operation.
2. The output filter for each buck, consisting of COUT and L, converts the switching signal at SW to the noiseless
output voltage. For optimal EMI behavior, it should be placed as close as possible to the device, keeping the
switch node small. Route the traces between the LP8754's output capacitors and the load's input capacitors
direct and wide to avoid losses due to the IR drop.
3. Input for analog blocks (VDDA5V and GNDA) should be isolated from noisy signals. Connect VDDA5V
directly to a quiet system voltage node and GNDA to a quiet ground point where no IR drop occurs. For
additional noise immunity, adding a high-frequency decoupling capacitor of 100 nF to 1 µF is recommended.
Place the decoupling capacitor as close to the VDDA5V pin as possible. VDDA5V trace is low current, so the
trace width does not need to be optimized.
4. If the processor load supports voltage remote sensing, connect the LP8754’s feedback pins FBBXX to the
respective sense pins on the processor. The sense lines are susceptible to noise. They must be kept away
from noisy signals such as GNDBXX, VIN, and SW, as well as high bandwidth signals such as the I
2C. Avoid
both capacitive as well as inductive coupling by keeping the sense lines short, direct, and close to each
other. Run the lines in a quiet layer. Isolate them from noisy signals by a voltage or ground plane if possible.
Running the signal as a differential pair is recommended.
5. GNDBXX, VIN, and SW should be routed on thick layers. They must not surround inner signal layers which
are not able to withstand interference from noisy GNDBXX, VIN, and SW. This can create noise coupling to
inner signal layers.
Due to the small package of this converter and the overall small solution size, the thermal performance of the
PCB layout is important. Many system-dependent issues such as thermal coupling, airflow, added heat sinks and
convection surfaces, and the presence of other heat-generating components affect the power dissipation limits of
a given component. Proper PCB layout, focusing on thermal performance, results in lower die temperatures.
Wide power traces come with the ability to sink dissipated heat. This can be improved further on multi-layer PCB
designs with vias to different planes. This results in reduced junction-to-ambient (RθJA) and junction-to-board
(RθJB) thermal resistances, thereby reducing the device junction temperature, TJ. It's strongly recommended to
perform a careful system-level 2D or full 3D dynamic thermal analysis at the beginning of the product design
process, using a thermal modeling analysis software.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com