Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8754 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 4Page - Texas Instruments LP8754 Datasheet HTML 5Page - Texas Instruments LP8754 Datasheet HTML 6Page - Texas Instruments LP8754 Datasheet HTML 7Page - Texas Instruments LP8754 Datasheet HTML 8Page - Texas Instruments LP8754 Datasheet HTML 9Page - Texas Instruments LP8754 Datasheet HTML 10Page - Texas Instruments LP8754 Datasheet HTML 11Page - Texas Instruments LP8754 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
6-Phase Buck Electrical Characteristics (continued)
Limits apply over the full ambient temperature range -40°C
≤ TA ≤ 85°C, VVDDA5V = VVINBXX = 3.7 V, VVIOSYS = VNRST = 1.8 V,
VOUT = 1.1 V, (unless otherwise noted).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILIMITP
High side switch current limit 2.5 A register setting
2050
2600
3300
mA
ILIMITN
Low side switch current limit
Reverse current
650
900
1050
VOUT
Output voltage
Range, Programmable by register setting
0.6
1.0
1.67
V
Step
10
mV
fSW
Switching frequency
2.5 V
≤ VVINBXX ≤ 5 V
2.7
3.0
3.4
MHz
Test Current = 200 mA; Split FET
120
RDSON_P
Pin-pin resistance for PFET
Test Current = 200 mA; Full FET
60
m
Ω
RDSON_N
Pin-pin resistance for NFET
IOUT = –200 mA
50
ILK_HS
High-side leakage current
VSW = 0 V, Per Buck Core
2
µA
ILK_LS
Low-side leakage current
VSW = 3.7 V = VVINBXX, Per Buck Core
2
Enabled via control register, Active only
RPD
Pull-down resistor
250
Ω
when converter disabled, Per Buck Core
Differential feedback Input
RIN_FB
TA = 25°C
200
300
400
k
Ω
resistance (3)
(3)
Datasheet min/max specification limits are specified by design.
6.7 6-Phase Buck System Characteristics
Limits apply over the full ambient temperature range -40°C
≤ TA ≤ 85°C, VVDDA5V = VVINBXX = 3.7 V, VVIOSYS = VNRST = 1.8 V,
VOUT = 1.1 V, (unless otherwise noted).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Programmable via control register (1)
RAMP_B0[2:0] = 000
30
RAMP_B0[2:0] = 001
15
RAMP_B0[2:0] = 010
7.5
KRAMP
Ramp timer
RAMP_B0[2:0] = 011
3.8
mV/µs
RAMP_B0[2:0] = 100
1.9
RAMP_B0[2:0] = 101
0.94
RAMP_B0[2:0] = 110
0.47
RAMP_B0[2:0] = 111
0.23
TSTART
Start-up time
Time from NRST-HIGH to start of switching
25
µs
TRAMP
VOUT rise time
Time to ramp from 5% to 95% of VOUT
20
µs
Average output current, programmable via control
register, VOUT = 1.1 V
(2)
PFM_EXIT_B0[2:0] = 011
175
PFM-to-PWM switch–over current PFM_EXIT_B0[2:0] = 100
225
IPFM–PWM
mA
threshold
PFM_EXIT_B0[2:0] = 101
275
PFM_EXIT_B0[2:0] = 110
325
PFM_EXIT_B0[2:0] = 111
375
(1)
In the real application, achievable output voltage ramp profiles are influenced by a number of factors, including the amount of output
capacitance, the load current level, the load characteristic (either resistive or constant-current), and the voltage ramp amplitude. Typical
values are measured with typical conditions.
(2)
The final PFM-to-PWM and PWM-to-PFM switchover current varies slightly and is dependant on the output voltage, input voltage, and
the inductor current level. Typical values are measured with typical conditions.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com