Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8754 Datasheet(PDF) 28 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 24Page - Texas Instruments LP8754 Datasheet HTML 25Page - Texas Instruments LP8754 Datasheet HTML 26Page - Texas Instruments LP8754 Datasheet HTML 27Page - Texas Instruments LP8754 Datasheet HTML 28Page - Texas Instruments LP8754 Datasheet HTML 29Page - Texas Instruments LP8754 Datasheet HTML 30Page - Texas Instruments LP8754 Datasheet HTML 31Page - Texas Instruments LP8754 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
Programming (continued)
7.5.1.5 Auto-Increment Feature
The auto-increment feature allows writing several consecutive registers within one transmission. Every time an 8-
bit word is sent to the LP8754, the internal address index counter will be incremented by one, and the next
register will be written. Table 4 below shows writing sequence to two consecutive registers. Note: the auto-
increment feature does not work for read.
Table 4. Auto-Increment Example
Master
Start
Device
Write
Register
Data
Data
Stop
Action
Address
Address
= 60H
LP8754
ACK
ACK
ACK
ACK
Action
7.6 Register Maps
7.6.1 Register Descriptions
The LP8754 is controlled by a set of registers through the system serial interface port or through the Dynamic
Voltage Scaling interface. Table 5 below lists device registers, their addresses and their abbreviations. A more
detailed description is given in the sections VSET_B0 to INT_MASK_2.
Many registers contain bits, that are reserved for future use. When writing to a register, any reserved bits should
not be changed.
Table 5.
Read /
Addr
Register
D7
D6
D5
D4
D3
D2
D1
D0
Write
EN_DIS_B
0x00
VSET_B0
R/W
VSET_B0[6:0]
0
0x06
FPWM
R/W
Reserved
FPWM_B0
0x07
BUCK0_CTRL
R/W
OC_LEV_B0[1:0]
LP_B0
RDIS_B0
Reserved
RAMP_B0[2:0]
0x08
BUCK1_CTRL
R/W
OC_LEV_B1[1:0]
Reserved
0x09
BUCK2_CTRL
R/W
OC_LEV_B2[1:0]
Reserved
0x0A
BUCK3_CTRL
R/W
OC_LEV_B3[1:0]
Reserved
0x0B
BUCK4_CTRL
R/W
OC_LEV_B4[1:0]
Reserved
0x0C
BUCK5_CTRL
R/W
OC_LEV_B5[1:0]
Reserved
0x0D
FLAGS_0
R/W
Reserved
nPG_B0
TEMP[1:0]
I_LOAD_REA
T_WARNIN
0x0E
FLAGS_1
R/W
Reserved
UVLO
THSD
OVP
SCP
DY
G
MASK_nPG
0x0F
INT_MASK_0
R/W
Reserved
MASK_OVP
MASK_SCP
_B0
0x10
GENERAL
R/W
Reserved
EN_SS
Reserved
DIS_DIF_B0
Reserved
SLP_POL
LP_EN
0x11
RESET
R/W
Reserved
SW_RESET
0x12
DELAY_BUCK0
R/W
DELAY_B0[7:0]
0x18
CHIP_ID
R
DEVICE
OTP_REV[4:0]
DIE_REV[1:0]
0x19
PFM_LEV_B0
R/W
Reserved
PFM_ENTRY_B0[2:0]
Reserved
PFM_EXIT_B0[2:0]
0x1F
PHASE_LEV_B0
R/W
Reserved
ADD_PH_B0[2:0]
Reserved
SHED_PH_B0[2:0]
0x21
SEL_I_LOAD
R/W
Reserved
BUCK_LOAD_CURR[10:8]
Reserved
LOAD_CURRENT_SOURCE[2:0]
0x22
LOAD_CURR
R
BUCK_LOAD_CURR[7:0]
MASK_ILO
MASK_UVL
MASK_TWA
MASK_TEM
0x2E
INT_MASK_2
R/W
Reserved
AD_READY
O
RNING
P
28
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com