Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8754 Datasheet(PDF) 42 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 38Page - Texas Instruments LP8754 Datasheet HTML 39Page - Texas Instruments LP8754 Datasheet HTML 40Page - Texas Instruments LP8754 Datasheet HTML 41Page - Texas Instruments LP8754 Datasheet HTML 42Page - Texas Instruments LP8754 Datasheet HTML 43Page - Texas Instruments LP8754 Datasheet HTML 44Page - Texas Instruments LP8754 Datasheet HTML 45Page - Texas Instruments LP8754 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
VOUT AC COUPLED
20 mV/DIV
ILOAD 200 mA/DIV
TIME 20 2s/DIV
TIME 40 2s/DIV
VOUT AC COUPLED
10 mV/DIV
VIN 500 mV/DIV
VOUT AC COUPLED
20 mV/DIV
ILOAD 4 A/DIV
TIME 20 2s/DIV
VOUT AC COUPLED
20 mV/DIV
ILOAD 1 A/DIV
TIME 20 2s/DIV
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0
2000
4000
6000
8000
10000
REAL IOUT (mA)
IOUT
Accuracy
C039
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
1000
2000
3000
4000
5000
REAL IOUT (mA)
IOUT
Accuracy
C041
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
Figure 37. Load Current Measured by LP8754 vs Real Load
Figure 38. Load Current Measured by LP8754 vs Real Load
Current, 6 Phases Active
Current, 3 Phases Active
IOUT 1 A → 8 A → 1 A
tr = tf = 400 ns
IOUT 0.6 A → 2 A → 0.6 A
tr = tf = 400 ns
Figure 39. Transient Load Step Response, PWM Mode
Figure 40. Transient Load Step Response, PWM Mode
VIN 3.3 V → 3.8 V → 3.3 V
tr = tf = 10 µs
IOUT 0.5 mA → 0.5 A → 0.5 mA
IOUT = 2000 mA DC
tr = tf = 100 ns
Figure 42. Transient Line Response
Figure 41. Transient Load Step Response, AUTO Mode
42
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com