Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8754 Datasheet(PDF) 35 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8754 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 31Page - Texas Instruments LP8754 Datasheet HTML 32Page - Texas Instruments LP8754 Datasheet HTML 33Page - Texas Instruments LP8754 Datasheet HTML 34Page - Texas Instruments LP8754 Datasheet HTML 35Page - Texas Instruments LP8754 Datasheet HTML 36Page - Texas Instruments LP8754 Datasheet HTML 37Page - Texas Instruments LP8754 Datasheet HTML 38Page - Texas Instruments LP8754 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
Bits
Field
Type
Default
Description
7
Reserved
R/W
0
6:4
ADD_PH_B0
R/W
100
ADD_PH_B0(1)
Sets the level on which a phase is added.
000 = Reserved
001 = Reserved
010 = 0.5 A * No. of Active Phases
011 = 0.6 A * No. of Active Phases
100 = 0.7 A * No. of Active Phases
101 = 0.8 A * No. of Active Phases
110 = 0.9 A * No. of Active Phases
111 = 1.0 A * No. of Active Phases
3
Reserved
R/W
0
2:0
SHED_PH_B0
R/W
010
SHED_PH_B0(1)
Sets the level of phase shedding.
000 = 0.3 A * No. of Active Phases
001 = 0.4 A * No. of Active Phases
010 = 0.5 A * No. of Active Phases
011 = 0.6 A * No. of Active Phases
100 = 0.7 A * No. of Active Phases
101 = 0.8 A * No. of Active Phases
110 = Reserved
111 = Reserved
(1)
ADD_PH_B0 and SHED_PH_B0 values must be chosen so that the resulting hysteresis is a minimum of 100 mA and ADD_PH_B0 >
SHED_PH_B0.
7.6.19 SEL_I_LOAD
Address: 0x21
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
BUCK_LOAD_CURR[10:8]
Reserved
LOAD_CURRENT_SOURCE[2:0]
Bits
Field
Type
Default
Description
7
Reserved
R/W
0
6:4
BUCK_LOAD_
R
000
BUCK_LOAD_CURR
CURR[10:8]
This register reports 3 MSB bits of the magnitude of the average load current of the
selected Buck Converter. See LOAD_CURR register.
3
Reserved
R/W
0
2:0
LOAD_CURRENT_
R/W
000
LOAD_CURRENT_SOURCE
SOURCE[2:0]
These bits are used for choosing the Buck Converter whose load current will be
measured.
000 = Converter 0 load current will be measured.
001 = Converter 1 load current will be measured.
010 = Converter 2 load current will be measured.
011 = Converter 3 load current will be measured.
100 = Converter 4 load current will be measured.
101 = Converter 5 load current will be measured.
110 = Master total load current will be measured.
111 = Reserved
7.6.20 LOAD_CURR
Address: 0x22
D7
D6
D5
D4
D3
D2
D1
D0
BUCK_LOAD_CURR[7:0]
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com