Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64A Datasheet(PDF) 4 Page - RAMXEED LIMITED

Part # MB85RC64A
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64A Datasheet(HTML) 4 Page - RAMXEED LIMITED

  MB85RC64A Datasheet HTML 1Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 2Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 3Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 4Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 5Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 6Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MB85RC64A
4
DS501-00019-5v2-E
I2C COMMUNICATION PROTOCOL
The I2C bus is a two wire serial interface that uses a bidirectional data bus (SDA) and serial clock (SCL). A
data transfer can only be initiated by the master, which will also provide the serial clock for synchronization.
The SDA signal should change while the SCL is the “L” level. However, as an exception, when starting and
stopping communication sequence, the SDA is allowed to change while the SCL is the “H” level.
• Start Condition
To start read or write operations by the I2C bus, change the SDA input from the “H” level to the “L” level while
the SCL input is in the “H” level.
• Stop Condition
To stop the I2C bus communication, change the SDA input from the “L” level to the “H” level while the SCL
input is in the “H” level. In the reading operation, inputting the stop condition finishes reading and enters the
standby state. In the writing operation, inputting the stop condition finishes inputting the rewrite data and
enters the standby state.
Start Condition, Stop Condition
Note : At the write operation, the FeRAM device does not need the programming wait time (tWC) after issuing
the Stop Condition.
ACKNOWLEDGE (ACK)
In the I2C bus, serial data including address or memory information is sent in units of 8 bits. The acknowledge
signal indicates that every 8 bits of the data is successfully sent and received. The receiver side usually
outputs the “L” level every time on the 9th SCL clock after each 8 bits are successfully transmitted and
received. On the transmitter side, the bus is temporarily released to Hi-Z every time on this 9th clock to allow
the acknowledge signal to be received and checked. During this Hi-Z-released period, the receiver side pulls
the SDA line down to indicate the “L” level that the previous 8 bits communication is successfully received.
In case the slave side receives Stop condition before sending or receiving the ACK “L” level, the slave side
stops the operation and enters to the standby state. On the other hand, the slave side releases the bus state
after sending or receiving the NACK “H” level. The master side generates Stop condition or Start condition
in this released bus state.
Acknowledge timing overview diagram
SCL
SDA
Start
Stop
“H” or “L”
SCL
123
89
SDA
Start
ACK
The transmitter side should always release SDA on the
9th bit. At this time, the receiver side outputs a pull-down if
the previous 8 bits data are received correctly (ACK re-
sponse).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com