Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64A Datasheet(PDF) 8 Page - RAMXEED LIMITED

Part # MB85RC64A
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64A Datasheet(HTML) 8 Page - RAMXEED LIMITED

Back Button MB85RC64A Datasheet HTML 4Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 5Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 6Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 9Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 10Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 11Page - RAMXEED LIMITED MB85RC64A Datasheet HTML 12Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MB85RC64A
8
DS501-00019-5v2-E
• Current Address Read
When the previous write or read operation finishes successfully up to the stop condition and assumes the
last accessed address is “n”, then the address at “n+1” is read by sending the following command unless
turning the power off. If the memory address is last address, the address counter will roll over to 0000H. The
current address in memory address buffer is undefined immediately after the power is turned on.
• Random Read
The one byte of data from the memory address saved in the memory address buffer can be read out
synchronously to SCL by specifying the address in the same way as for a write, and then issuing another
start condition and sending the Device Address Word (R/W “1” input).
The final NACK is issued by the receiver that receives the data. In this case, this bit is issued by the master
side.
Start Condition
Stop Condition
ACK(SDA is the "L" level)
A
S
P
NACK (SDA is the "H" level)
N
S
A2 A1 A0
A
N P
Read
Data 8bits
(n+1) address
1
1
010
Access from master
Access from slave
Start Condition
Stop Condition
ACK (SDA is the "L" level)
A
S
P
NACK (SDA is the "H" level)
N
S
A2 A1 A0
A
A
A
P
Address
High 8bits
Address
Low 8bits
0
1
010
S
A2 A1 A0
A
1
1
010
Read
Data 8bits
N
Access from master
Access from slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com